Nombre de pieza
         Descripción
L4949

 MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR ( 8 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 6 page
background image
L4949
6
MOTOROLA ANALOG IC DEVICE DATA
OPERATING DESCRIPTION
The L4949 is a monolithic integrated low dropout voltage
regulator. Several outstanding features and auxiliary
functions are implemented to meet the requirements of
supplying microprocessor systems in automotive
applications. Nevertheless, it is suitable also in other
applications where the present functions are required. The
modular approach of this device allows the use of other
features and functions independently when required.
Voltage Regulator
The voltage regulator uses an isolated Collector Vertical
PNP transistor as a regulating element. With this structure,
very low dropout voltage at currents up to 100 mA is
obtained. The dropout operation of the standby regulator is
maintained down to 3.0 V input supply voltage. The output
voltage is regulated up to the transient input supply voltage of
35 V. With this feature no functional interruption due to
overvoltage pulses is generated.
The typical curve showing the standby output voltage as a
function of the input supply voltage is shown in Figure 13.
The current consumption of the device (quiescent current)
is less than 200
µA.
To reduce the quiescent current peak in the undervoltage
region and to improve the transient response in this region,
the dropout voltage is controlled. The quiescent current as a
function of the supply input voltage is shown in Figure 14.
Short Circuit Protection:
The maximum output current is internally limited. In case
of short circuit, the output current is foldback current limited
as described in Figure 12.
0
5.0
20
100
200
Iout (mA)
Figure 12. Foldback Characteristic of Vout
10
Vout
5.0 V
35 V
5.0 V
2.0 V
0 V
Vout
VCC
Figure 13. Output Voltage versus Supply Voltage
3.0
Figure 14. Quiescent Current versus Supply Voltage
2.5
2.0
1.5
1.0
0
5.0
10
15
20
25
30
VCC, SUPPLY VOLTAGE (V)
0.5
0
RL = 5.0 k
RL = 100 Ω
TJ = 25°C
Preregulator
To improve the transient immunity a preregulator stabilizes
the internal supply voltage to 6.0 V. This internal voltage is
present at Pin 3 (VZ). This voltage should not be used as an
output because the output capability is very small (
≤ 100 µA).
This output may be used as an option when better
transient behavior for supply voltages less than 8.0 V is
required. In this case a capacitor (100 nF – 1.0
µF) must be
connected between Pin 3 and Gnd. If this feature is not used
Pin 3 must be left open.
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
L4949MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreON Semiconductor
TC4949Multifunction Very Low Dropout Voltage Regulator 1 2 3 4 5 MoreTelCom Semiconductor, Inc
TDA3672Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable 1 2 3 4 5 MoreNXP Semiconductors
TDA3673Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable 1 2 3 4 5 MoreNXP Semiconductors
LDOC515IP Library: Very Low power Very High PSRR 100mA Low Dropout Voltage Regulator 1 2 3 4 STMicroelectronics
LT3021500mA Low Voltage Very Low Dropout Linear Regulator 1 2 3 4 5 MoreLinear Technology
MC33765Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
TDA3661Very low dropout voltage/quiescent current adjustable voltage regulator 1 2 3 4 5 MoreNXP Semiconductors
TDA3662Very low dropout voltage/quiescent current 3.0 V voltage regulator 1 2 3 4 5 MoreNXP Semiconductors
TDA3663Very low dropout voltage/quiescent current 3.3 V voltage regulator 1 2 3 4 5 MoreNXP Semiconductors

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl