Nombre de pieza
         Descripción
L4949

 MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR ( 8 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 3 page
background image
L4949
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VCC = 14 V, –40°C < TJ < 125°C, unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Symbol
RESET
Reset Threshold Voltage
VResth
Vout – 0.5
V
Reset Threshold Hysteresis
VResth,hys
mV
@ TJ = 25°C
50
100
200
@ TJ = –40 to +125°C
50
300
Reset Pulse Delay (CT = 100 nF, tR ≥ 100 µs)
tResD
55
100
180
ms
Reset Reaction Time (CT = 100 nF)
tResR
5.0
30
µs
Reset Output Low Voltage (RReset = 10 kΩ to Vout, VCC ≥ 3.0 V)
VResL
0.4
V
Reset Output High Leakage Current (VReset = 5.0 V)
IResH
1.0
µA
Delay Comparator Threshold
VCTth
2.0
V
Delay Comparator Threshold Hysteresis
VCTth, hys
100
mV
SENSE
Sense Low Threshold (VSI Decreasing = 1.5 V to 1.0 V)
VSOth
1.16
1.23
1.35
V
Sense Threshold Hysteresis
VSOth,hys
20
100
200
mV
Sense Output Low Voltage
VSOL
0.4
V
(VSI ≤ 1.16 V, VCC ≥ 3.0 V, RSO = 10 kΩ to Vout)
Sense Output Leakage (VSO = 5.0 V, VSI ≥ 1.5 V)
ISOH
1.0
µA
Sense Input Current
ISI
–1.0
0.1
1.0
µA
PREREGULATOR
Preregulator Output Voltage (IZ = 10 µA)
VZ
6.3
V
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description
1
VCC
Supply Voltage
2
Si
Input of Sense Comparator
3
VZ
Output of Preregulator
4
CT
Reset Delay Capacitor
5
Gnd
Ground
6
Reset
Output of Reset Comparator
7
SO
Output of Sense Comparator
8
Vout
Main Regulator Output
4.96
4.98
5.0
5.02
5.04
–40
–20
0
40
60
20
100
120
TJ, JUNCTION TEMPERATURE (°C)
80
VCC = 14 V
Iout = 1.0 mA
0
2.0
3.0
4.0
6.0
010
VCC, SUPPLY VOLTAGE (V)
1.0
1.0
TJ = 25°C
RL = 100 Ω
RL = 5.0 k
5.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Figure 1. Output Voltage versus
Junction Temperature
Figure 2. Output Voltage versus
Supply Voltage
TYPICAL CHARACTERIZATION CURVES
1  2  3  4  5  6  7  8 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
L4949MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreON Semiconductor
TC4949Multifunction Very Low Dropout Voltage Regulator 1 2 3 4 5 MoreTelCom Semiconductor, Inc
TDA3672Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable 1 2 3 4 5 MoreNXP Semiconductors
TDA3673Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable 1 2 3 4 5 MoreNXP Semiconductors
LDOC515IP Library: Very Low power Very High PSRR 100mA Low Dropout Voltage Regulator 1 2 3 4 STMicroelectronics
LT3021500mA Low Voltage Very Low Dropout Linear Regulator 1 2 3 4 5 MoreLinear Technology
MC33765Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator 1 2 3 4 5 MoreON Semiconductor
TDA3661Very low dropout voltage/quiescent current adjustable voltage regulator 1 2 3 4 5 MoreNXP Semiconductors
TDA3662Very low dropout voltage/quiescent current 3.0 V voltage regulator 1 2 3 4 5 MoreNXP Semiconductors
TDA3663Very low dropout voltage/quiescent current 3.3 V voltage regulator 1 2 3 4 5 MoreNXP Semiconductors

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl