Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC270A330M024FP Datasheet(PDF) 5 Page - Vicor Corporation

No. de pieza MC270A330M024FP
Descripción Electrónicos  MIL-COTS BCM??Bus Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MC270A330M024FP Datasheet(HTML) 5 Page - Vicor Corporation

  MC270A330M024FP Datasheet HTML 1Page - Vicor Corporation MC270A330M024FP Datasheet HTML 2Page - Vicor Corporation MC270A330M024FP Datasheet HTML 3Page - Vicor Corporation MC270A330M024FP Datasheet HTML 4Page - Vicor Corporation MC270A330M024FP Datasheet HTML 5Page - Vicor Corporation MC270A330M024FP Datasheet HTML 6Page - Vicor Corporation MC270A330M024FP Datasheet HTML 7Page - Vicor Corporation MC270A330M024FP Datasheet HTML 8Page - Vicor Corporation MC270A330M024FP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Attribute
Symbol
Conditions / Notes
Typ
Unit
No Load Power
PNL
VIN = 270 V, PC enabled; See Figure 1
5.5
W
Inrush Current Peak
INR_P
COUT = 100 µF, POUT = 235 W
2.5
A
Efficiency (Ambient)
η
VIN = 270 V, POUT = 235 W
95.4
%
Efficiency (Hot – 100°C)
η
VIN = 270 V, POUT = 235 W
94.7
%
Output Resistance (-40°C)
ROUT
VIN = 270 V
105
m
Ω
Output Resistance (25°C)
ROUT
VIN = 270 V
130
m
Ω
Output Resistance (120°C)
ROUT
VIN = 270 V
180
m
Ω
Output Voltage Ripple
VOUT_PP
COUT = 0 uF, POUT = 235 W @ VIN = 270,
160
mV
VIN = 270 V
VOUT Transient (Positive)
VOUT_TRAN+
IOUT_STEP = 0 TO 7.3 A,
1.4
V
ISLEW >10 A/us; See Figure 11
VOUT Transient (Negative)
VOUT_TRAN-
IOUT_STEP = 7.3 A to 0 A,
1.3
V
ISLEW > 10 A/us; See Figure 12
Undervoltage Lockout
TUVLO
150
us
Response Time
Output Overcurrent
TOCP
9< IOCP < 14 A
5
ms
Response Time
Overvoltage Lockout
TOVLO
120
µs
Response Time
TM Voltage (Ambient)
VTM_AMB
TJ ≅ 27°C
3
V
PRELIMINARY DATASHEET
Bus Converter Module
MC270A330M024FP
vicorpower.com
Rev. 1.0
Page 5 of 17
All specifications are at TC = 25ºC unless otherwise noted. See associated figures for general trend data.
SPECIFICATIONS (CONT.)
Application Characteristics


Número de pieza similar - MC270A330M024FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
MC2707 MACOM-MC2707 Datasheet
245Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
logo
M/A-COM Technology Solu...
MC2707 MA-COM-MC2707 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
MC2707 MA-COM-MC2707 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2707 MA-COM-MC2707 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer
logo
Tyco Electronics
MC2707-2 MACOM-MC2707-2 Datasheet
245Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
More results

Descripción similar - MC270A330M024FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
1Mb / 11P
   BCM??Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com