Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC352A110T024TP Datasheet(PDF) 7 Page - Vicor Corporation

No. de pieza BC352A110T024TP
Descripción Electrónicos  BCM??Bus Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC352A110T024TP Datasheet(HTML) 7 Page - Vicor Corporation

Back Button BC352A110T024TP Datasheet HTML 3Page - Vicor Corporation BC352A110T024TP Datasheet HTML 4Page - Vicor Corporation BC352A110T024TP Datasheet HTML 5Page - Vicor Corporation BC352A110T024TP Datasheet HTML 6Page - Vicor Corporation BC352A110T024TP Datasheet HTML 7Page - Vicor Corporation BC352A110T024TP Datasheet HTML 8Page - Vicor Corporation BC352A110T024TP Datasheet HTML 9Page - Vicor Corporation BC352A110T024TP Datasheet HTML 10Page - Vicor Corporation BC352A110T024TP Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Bus Converter Module
BC352A110T024FP
vicorpower.com
Rev. 1.0
Page 7 of 11
+In / -In – DC Voltage Input Ports
The VI BRICK (BCM) input voltage range should not be exceeded. An inter-
nal under / over voltage lockout function prevents operation outside of the
normal operating input range. The BCM turns on within an input voltage
window bounded by the “Input undervoltage turn-on” and “Input
overvoltage turn-off” levels, as specified. The BCM may be protected
against accidental application of a reverse input voltage by the addition of
a rectifier in series with the positive input, or a reverse rectifier in shunt
with the positive input located on the load side of the input fuse.
The connection of the BCM to its power source should be implemented
with minimal distribution inductance. If the interconnect inductance
exceeds 100 nH, the input should be bypassed with a RC damper to retain
low source impedance and stable operation. With an interconnect
inductance of 200 nH, the RC damper may be 2 µF in series with 0.3 Ω. A
single electrolytic or equivalent low-Q capacitor may be used in place of
the series RC bypass.
PC – Primary Control
The Primary Control port is a multifunction node that provides the
following functions:
Enable / Disable – If the PC port is left floating, the BCM output is
enabled. Once this port is pulled lower than 2.4 Vdc with respect
to –In, the output is disabled. This action can be realized by
employing a relay, opto-coupler, or open collector transistor. Refer
to Figures 1-3, 12 and 13 for the typical enable / disable
characteristics. This port should not be toggled at a rate higher
than 1 Hz. The PC port should also not be driven by or pulled up to
an external voltage source.
Primary Auxiliary Supply – The PC port can source up to 2.4 mA at
5.0 Vdc. The PC port should never be used to sink current.
Alarm – The BCM contains circuitry that monitors output overload,
input overvoltage or undervoltage, and internal junction temperatures. In
response to an abnormal condition in any of the monitored parameters,
the PC port will toggle. Refer to Figure 13 for PC alarm characteristics.
TM and RSV – Reserved for factory use.
+Out / -Out – DC Voltage Output Ports
Two sets of contacts are provided for the +Out port. They must be
connected in parallel with low interconnect resistance. Similarly, two sets
of contacts are provided for the –Out port. They must be connected in
parallel with low interconnect resistance. Within the specified operating
range, the average output voltage is defined by the Level 1 DC
behavioral model of Figure 16. The current source capability of the BCM is
rated in the specifications section of this document.
The low output impedance of the BCM reduces or eliminates the need for
limited life aluminum electrolytic or tantalum capacitors at the input of POL
converters.
Total load capacitance at the output of the BCM should not exceed the
specified maximum. Owing to the wide bandwidth and low output imped-
ance of the BCM, low frequency bypass capacitance and
significant energy storage may be more densely and efficiently provided by
adding capacitance at the input of the BCM.
PIN / CONTROL FUNCTIONS
Figure 14 — VI BRICK BCM pin configuration (viewed from pin side)


Número de pieza similar - BC352A110T024TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
BC352A110T024FP VICOR-BC352A110T024FP Datasheet
244Kb / 2P
   BCM??Bus Converter
More results

Descripción similar - BC352A110T024TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
B048F120T30 VICOR-B048F120T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B352F110T30 VICOR-B352F110T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F480T30 VICOR-B048F480T30 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F040T20 VICOR-B048F040T20 Datasheet
1Mb / 12P
   BCM Bus Converter
BC048A030T021FP VICOR-BC048A030T021FP Datasheet
663Kb / 11P
   BCM??Bus Converter
BC048A120T030FP VICOR-BC048A120T030FP Datasheet
900Kb / 11P
   BCM??Bus Converter
BC384A120T030FP VICOR-BC384A120T030FP Datasheet
780Kb / 11P
   BCM??Bus Converter
BC048A040T020FP VICOR-BC048A040T020FP Datasheet
1Mb / 11P
   BCM??Bus Converter
BC048A320T030FP VICOR-BC048A320T030FP Datasheet
886Kb / 11P
   BCM??Bus Converter
BC048A060T024FP VICOR-BC048A060T024FP Datasheet
1,012Kb / 11P
   BCM??Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com