Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1544 Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza 2SK1544
Descripción Electrónicos  N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK1544 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK1544 Datasheet HTML 1Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 2Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 3Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 4Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 5Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
TOSHIBA CORPORATION
2SK1544
Source-Drain Diode Ratings and Characteristics (Ta = 25
°C)
Electrical Characteristics (Ta = 25
°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gate Leakage Current
IGSS
VGS = ±25V, VDS = 0V
±100
nA
Drain Cut-off Current
IDSS
VDS = 500V, VGS = 0V
300
µA
Drain-Source Breakdown Voltage
V(BR) DSS
ID = 10mA, VGS = 0V
500
V
Gate Threshold Voltage
Vth
VDS = 10V, ID = 1mA
1.5
3.5
V
Drain-Source ON Resistance
RDS (ON)
ID = 13A, VGS = 10V
0.15
0.20
Forward Transfer Admittance
Y
fs
VDS = 10V, ID = 13A
10
21
S
Input Capacitance
Ciss
VDS = 10V, VGS = 0V,
f = 1MHz
3700
5000
pF
Reverse Transfer Capacitance
Crss
400
750
Output Capacitance
Coss
920
1300
Switching
Time
Rise Time
tr
185
370
ns
Turn-on Time
ton
240
480
Fall Time
tf
250
500
Turn-off Time
toff
590
1180
Total Gate Charge
(Gate-Source Plus Gate-Drain)
Qg
VDD = 400V, VGS = 10V,
ID = 25A
150
250
nC
Gate-Source Charge
Qgs
–70
Gate-Drain (“Miller”) Charge
Qgd
–80
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Continuous Drain Reverse Current
IDR
25
A
Pulse Drain Reverse Current
IDRP
100
A
Diode Forward Voltage
VDSF
IDR = 25A, VGS = 0V
-1.6
V
Reverse Recovery Time
trr
IDR = 25A, VGS = 0V
dIDR/dt = 100A/µs
780
ns
Reverse Recovered Charge
Qrr
9.8
µC


Número de pieza similar - 2SK1544

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK1544 TOSHIBA-2SK1544 Datasheet
756Kb / 6P
   N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
2SK1544 TOSHIBA-2SK1544 Datasheet
381Kb / 6P
   DC?묭C Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK1544 ISC-2SK1544 Datasheet
67Kb / 2P
   Drain Current ?밒D=25A@ TC=25C
logo
Toshiba Semiconductor
2SK1544 TOSHIBA-2SK1544 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK1544Q TOSHIBA-2SK1544Q Datasheet
381Kb / 6P
   DC?묭C Converter and Motor Drive Applications
More results

Descripción similar - 2SK1544

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SK1544 TOSHIBA-2SK1544_06 Datasheet
756Kb / 6P
   N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963 Datasheet
291Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK1382 TOSHIBA-2SK1382_06 Datasheet
748Kb / 6P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK1382 TOSHIBA-2SK1382 Datasheet
263Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK2961 TOSHIBA-2SK2961 Datasheet
268Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK2987 TOSHIBA-2SK2987 Datasheet
302Kb / 5P
   N CHANNEL MOS TYPE (HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ401 TOSHIBA-2SJ401 Datasheet
286Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ304 TOSHIBA-2SJ304 Datasheet
280Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ334 TOSHIBA-2SJ334 Datasheet
308Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ349 TOSHIBA-2SJ349 Datasheet
289Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com