Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM385BD-2.5 Datasheet(PDF) 5 Page - Motorola, Inc

No. de pieza LM385BD-2.5
Descripción Electrónicos  MICROPOWER VOLTAGE REFERENCE DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM385BD-2.5 Datasheet(HTML) 5 Page - Motorola, Inc

  LM385BD-2.5 Datasheet HTML 1Page - Motorola, Inc LM385BD-2.5 Datasheet HTML 2Page - Motorola, Inc LM385BD-2.5 Datasheet HTML 3Page - Motorola, Inc LM385BD-2.5 Datasheet HTML 4Page - Motorola, Inc LM385BD-2.5 Datasheet HTML 5Page - Motorola, Inc LM385BD-2.5 Datasheet HTML 6Page - Motorola, Inc LM385BD-2.5 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LM285 LM385, B
5
MOTOROLA ANALOG IC DEVICE DATA
V(BR), REVERSE VOLTAGE (V)
1.1
t, TIME (ms)
0
1.0
0.9
0.8
0.7
0.6
0.3
0.2
0.1
2.50
3.00
1.50
1.00
0
5.0
0.50
10
0
2.00
Input
DUT
Output
100 k
100
1.0 K
100 k
10 K
10
0
250
500
750
1500
1250
1000
f, FREQUENCY (Hz)
125
TA , AMBIENT TEMPERATURE (°C)
2.450
2.470
2.490
2.510
2.520
100
75
50
025
–25
–50
10
0.01
100
1.0
0.1
1.2
1.0
0.8
0.6
0.4
0.2
0
IF , FORWARD CURRENT (mA)
TYPICAL PERFORMANCE CURVES FOR LM285–2.5/385–2.5/385B–2.5
0.5
1.0
1.5
2.0
2.5
3.0
10
3.5
100
1.0
0.1
0
Figure 7. Reverse Characteristics
Figure 8. Reverse Characteristics
0.1
1.0
10
100
0.01
8.0
6.0
4.0
2.0
0
–2.0
10
IR, REVERSE CURRENT (mA)
TA = + 85°C
+25
°C
–40
°C
TA = + 85°C
+25
°C
–40
°C
Figure 9. Forward Characteristics
TA = – 40°C
+25
°C
+85
°C
Figure 10. Temperature Drift
IR = 100 µA
Figure 11. Noise Voltage
Figure 12. Response Time
2.460
2.480
2.500


Número de pieza similar - LM385BD-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM385BD-2.5 ONSEMI-LM385BD-2.5 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385BD-2.5 ONSEMI-LM385BD-2.5 Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM385BD-2.5 ONSEMI-LM385BD-2.5 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385BD-2.5 ONSEMI-LM385BD-2.5 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385BD-2.5 ONSEMI-LM385BD-2.5 Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
More results

Descripción similar - LM385BD-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM385D-25R2 ONSEMI-LM385D-25R2 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_16 Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
LM385Z-25G ONSEMI-LM385Z-25G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_05 Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com