|
| LM339 |
|
||
|
MOTOROLA |
|
6 page
LM339, LM339A, LM239, LM239A, LM2901, M2901V, MC3302 6 MOTOROLA ANALOG IC DEVICE DATA Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, 6F Seibu–Butsuryu–Center, P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447 or 602–303–5454 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–81–3521–8315 MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, INTERNET: http://Design–NET.com 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298 LM339/D *LM339/D* ◊ |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| LT1720 | Dual/Quad 4.5ns Single Supply 3V/5V Comparators with Rail-to-Rail Outputs | 1 2 3 4 5 More | Linear Technology |
| LM339 | Quad Single Supply Comparators | 1 2 3 4 5 More | ON Semiconductor |
| UPC4744 | SINGLE SUPPLY VOLTAGE HIGH SPEED WIDE BAND QUAD OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | NEC |
| ISL8391 | Low-Voltage Single and Dual Supply Quad SPST Analog Switches | 1 2 3 4 5 More | Intersil Corporation |
| LT2078 | Micropower Dual and Quad Single Supply Precision Op Amps | 1 2 3 4 5 More | Linear Technology |
| LM393 | SINGLE SUPPLY LOW POWER DUAL COMPARATORS | 1 2 3 4 5 More | Motorola, Inc |
| EL2250C | 125MHz Single Supply Dual/Quad Op Amps | 1 2 3 4 5 More | Elantec Semiconductor |
| ISL8394 | Low-Voltage Single and Dual Supply Quad SPDT Analog Switches | 1 2 3 4 5 More | Intersil Corporation |
| LT1078 | Micropower Dual and Quad Single Supply Precision Op Amps | 1 2 3 4 5 More | Linear Technology |
| LT2178 | 17uA Max Dual and Quad Single Supply Precision Op Amps | 1 2 3 4 5 More | Linear Technology |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |