Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7MB3253FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC7MB3253FT
Descripción Electrónicos  Dual 1-of-4 FET Multiplexer/Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MB3253FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7MB3253FT Datasheet HTML 1Page - Toshiba Semiconductor TC7MB3253FT Datasheet HTML 2Page - Toshiba Semiconductor TC7MB3253FT Datasheet HTML 3Page - Toshiba Semiconductor TC7MB3253FT Datasheet HTML 4Page - Toshiba Semiconductor TC7MB3253FT Datasheet HTML 5Page - Toshiba Semiconductor TC7MB3253FT Datasheet HTML 6Page - Toshiba Semiconductor TC7MB3253FT Datasheet HTML 7Page - Toshiba Semiconductor TC7MB3253FT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC7MB3253FT/FK
2008-09-01
1
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT
SILICON MONOLITHIC
TC7MB3253FT, TC7MB3253FK
Dual 1-of-4 FET Multiplexer/Demultiplexer
The TC7MB3253 is high-speed CMOS dual 1-4
Multiplexer/Demultiplexer. The low on resistance of the switch
allows connections to be made with minimal propagation delay
time.
This device consists of two individual two-inputs
multiplexer/demultiplexer with common select inputs (S1, S0).
The A inputs is connected to the corresponded B1 to B4 outputs
determined by the combination both the select inputs (S1, S0)
and output enable ( OE ). When the output enable ( OE ) input is
held “H” level, the switches are open with regardless the state of
select inputs and a high-impedance state exists between the
switches.
All inputs are equipped with protection circuits against static
discharge.
Features
• Operating voltage: VCC = 4.5 to 5.5 V
• High speed: tpd = 0.25 ns (max)
• Low on resistance: RON = 5 Ω (typ.)
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Compatible with TTL outputs (control inputs)
• Package: TSSOP16,VSSOP16 (US16)
• Pin compatible with the 74xx253 type.
Functionally equivalent to (FST/CBT) 3253.
Pin Assignment (top view)
TC7MB3253FT
TC7MBL3253FK
Weight:
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)
VSSOP16-P-0030-0.50
: 0.02 g (typ.)
VCC
16
OE
2
S0
2B4
15
14
13
OE
1
1
2
3
4
1B3
S1
1B4
(top view)
2B3
12
2B2
2B1
2A
11
10
9
1B2
5
6
7
8
GND
1B1
1A


Número de pieza similar - TC7MB3253FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MB3253FK TOSHIBA-TC7MB3253FK Datasheet
108Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7MB3253FK TOSHIBA-TC7MB3253FK Datasheet
170Kb / 7P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
TC7MB3253FK TOSHIBA-TC7MB3253FK_07 Datasheet
170Kb / 7P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
More results

Descripción similar - TC7MB3253FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com