Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7MBL3245CFTG Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC7MBL3245CFTG
Descripción Electrónicos  Low Voltage/Low Capacitance Octal Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL3245CFTG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7MBL3245CFTG Datasheet HTML 1Page - Toshiba Semiconductor TC7MBL3245CFTG Datasheet HTML 2Page - Toshiba Semiconductor TC7MBL3245CFTG Datasheet HTML 3Page - Toshiba Semiconductor TC7MBL3245CFTG Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL3245CFTG Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL3245CFTG Datasheet HTML 6Page - Toshiba Semiconductor TC7MBL3245CFTG Datasheet HTML 7Page - Toshiba Semiconductor TC7MBL3245CFTG Datasheet HTML 8Page - Toshiba Semiconductor TC7MBL3245CFTG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC7MBL3245CFT/FK/FTG
2008-09-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MBL3245CFT, TC7MBL3245CFK, TC7MBL3245CFTG
Low Voltage/Low Capacitance Octal Bus Switch
The TC7MBL3245C is a Low Voltage/Low Capacitance CMOS
8bit Bus Switch. The low on-resistance of the switch allows
connections to be made with minimal propagation delay time.
The TC7MBL3245C requires the output enable ( OE ) input to
be set high to place the output into the high impedance.
All inputs are equipped with protection circuits against static
discharge.
Features
• Operating voltage
: VCC = 1.65 to 3.6 V
• On-capacitance
: CI/O = 7.5pF Switch On (typ.)@VCC= 3 V
• On-resistance
: RON = 6.5 Ω (typ.)@VCC=3 V, VI/O= 0 V
• ESD performance
: Machine model
≥ ±200 V
Human body model
≥ ±2000 V
• Power-down protection for inputs ( OE and I/O)
• Package: TSSOP20,VSSOP20 (US20), VQON20
• Pin compatible with the TC7MBL3245A,B,S
Note: When mounting VQON package, the type of recommended
flux is RA or RMA.
Pin Assignment (top view)
TC7MBL3245CFT
TC7MBL3245CFK
TC7MBL3245CFTG
VQON20-P-0404-0.50
Weight
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)
VSSOP20-P-0030-0.50
: 0.03 g (typ.)
VQON20-P-0404-0.50
: 0.0145g (typ.)
VCC
20
OE
B1
B2
19
18
17
NC
1
2
3
4
A3
A1
A2
(top view)
B3
16
B4
B5
B6
15
14
13
A4
5
6
7
8
A7
A5
A6
B7
B8
12
11
9
10
GND
A8
NC-No Internal Connection
FT (TSSOP20-P-0044-0.65A)
FK (VSSOP20-P-0030-0.50)
FTG (VQON20-P-0404-0.50)
1
2
3
4
5
A3
A4
A5
A6
A7
67
89
10
15
14
13
12
11
A8 GND B8
B7
B6
B1
B2
B3
B4
B5
20
19
18
17
16
A2
A1 NC VCC OE


Número de pieza similar - TC7MBL3245CFTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MBL3245AFK TOSHIBA-TC7MBL3245AFK Datasheet
167Kb / 6P
   Octal Bus Switch
TC7MBL3245AFK TOSHIBA-TC7MBL3245AFK Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245AFT TOSHIBA-TC7MBL3245AFT Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245BFK TOSHIBA-TC7MBL3245BFK Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
More results

Descripción similar - TC7MBL3245CFTG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MBL3245SFT TOSHIBA-TC7MBL3245SFT Datasheet
252Kb / 10P
   Low Voltage/Low Capacitance Octal Bus Switch
TC7MB3244CFT TOSHIBA-TC7MB3244CFT Datasheet
294Kb / 12P
   Low Capacitance Octal Bus Switch
2014-03-01
TC7MBL3245BFT TOSHIBA-TC7MBL3245BFT Datasheet
269Kb / 8P
   Octal Low Voltage Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245 Datasheet
140Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Renesas Technology Corp
74CBTLV3245 RENESAS-74CBTLV3245 Datasheet
264Kb / 6P
   LOW-VOLTAGE OCTAL BUS SWITCH
MAY 2019
logo
Integrated Device Techn...
IDT74CBTLV3245 IDT-IDT74CBTLV3245_14 Datasheet
95Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
IDT74CBTLV3244 IDT-IDT74CBTLV3244 Datasheet
136Kb / 5P
   LOW-VOLTAGE OCTAL BUS SWITCH
logo
Toshiba Semiconductor
TC7MBL3244AFT TOSHIBA-TC7MBL3244AFT Datasheet
185Kb / 7P
   Octal Low Voltage Bus Switch
TC7MBL3245AFT TOSHIBA-TC7MBL3245AFT Datasheet
184Kb / 7P
   Octal Low Voltage Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com