Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC7MPB9307FK Datasheet(PDF) 6 Page - Toshiba Semiconductor |
|
TC7MPB9307FK Datasheet(HTML) 6 Page - Toshiba Semiconductor |
6 / 13 page TC7MPB9307FT/FK 2008-06-25 6 AC Characteristics (Ta = −40 to 85°C, Input: tr = tf = 2.0 ns,f=10kHz) VCCA= 3.3 ± 0.3 V, VCCB= 5.0 ± 0.5 V Characteristics Symbol Test Condition Min Max Unit Propagation delay time (Bus to Bus) tpLH Figures 3 and 5 (Note) ⎯ 0.3 Propagation delay time (Bus to Bus) tpHL Figures 3 and 5 (Note) ⎯ 1.2 Output enable time tpZL Figures 4 and 6 ⎯ 9.0 Output disable time tpLZ Figures 4 and 6 ⎯ 11.0 ns Note: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On resistance of the switch and the 30 pF load capacitance, when driven by an ideal voltage the source (zero output impedance). VCCA= 2.5 ± 0.2 V, VCCB= 5.0 ± 0.5 V Characteristics 記号 Test Condition Min Max Unit Propagation delay time (Bus to Bus) tpLH Figures 3 and 5 (Note) ⎯ 0.35 Propagation delay time (Bus to Bus) tpHL Figures 3 and 5 (Note) ⎯ 1.8 Output enable time tpZL Figures 4 and 6 ⎯ 13.0 Output disable time tpLZ Figures 4 and 6 ⎯ 15.0 ns Note: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On resistance of the switch and the 30 pF load capacitance, when driven by an ideal voltage the source (zero output impedance). VCCA = 2.5 ± 0.2 V, VCCB= 3.3 ± 0.3 V Characteristics 記号 Test Condition Min Max Unit Propagation delay time (Bus to Bus) tpLH Figures 3 and 5 (Note) ⎯ 0.45 Propagation delay time (Bus to Bus) tpHL Figures 3 and 5 (Note) ⎯ 2.2 Output enable time tpZL Figures 4 and 6 ⎯ 17.0 Output disable time tpLZ Figures 4 and 6 ⎯ 19.0 ns Note: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On resistance of the switch and the 30 pF load capacitance, when driven by an ideal voltage the source (zero output impedance). Capacitive Characteristics (Ta = 25°C) Characteristics Symbol Test Condition VCCA (V) VCCB (V) Typ. Unit Control input capacitance CIN 3.3 3.3 3 SW=ON 3.3 3.3 14 Switch input/output capacitance CI/O SW=OFF 3.3 3.3 7 pF |
Número de pieza similar - TC7MPB9307FK |
|
Descripción similar - TC7MPB9307FK |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |