Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7SPB9306TU Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC7SPB9306TU
Descripción Electrónicos  Low Voltage / Low Power 1-Bit Dual Supply Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SPB9306TU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SPB9306TU Datasheet HTML 1Page - Toshiba Semiconductor TC7SPB9306TU Datasheet HTML 2Page - Toshiba Semiconductor TC7SPB9306TU Datasheet HTML 3Page - Toshiba Semiconductor TC7SPB9306TU Datasheet HTML 4Page - Toshiba Semiconductor TC7SPB9306TU Datasheet HTML 5Page - Toshiba Semiconductor TC7SPB9306TU Datasheet HTML 6Page - Toshiba Semiconductor TC7SPB9306TU Datasheet HTML 7Page - Toshiba Semiconductor TC7SPB9306TU Datasheet HTML 8Page - Toshiba Semiconductor TC7SPB9306TU Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TC7SPB9306,9307TU
2009-03-11
3
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
VCCA
0.5 to 7.0
Power supply voltage
VCCB
0.5 to 7.0
V
Control input voltage
VIN
0.5 to 7.0
V
Switch input/output voltage
VS
0.5 to 7.0
V
Clump diode current
IIK
50
mA
Switch input/output current
IS
64
mA
ICCA
±25
DC VCC/ground current per supply pin
ICCB
±25
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
65 to 150
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
VCCA
1.65 to 5.0
Power supply voltage
(Note 2)
VCCB
2.3 to 5.5
V
Control input voltage
VIN
0 to 5.5
V
Switch input/output voltage
VS
0 to 5.5
V
Operating temperature
Topr
40 to 85
°C
Control input rise and fall times
dt/dv
0 to 10
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs and bus inputs must be tied to either VCCA or GND.
Note 2: The VCCA voltage must be lower than the VCCB voltage.


Número de pieza similar - TC7SPB9306TU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SP300WBG TOSHIBA-TC7SP300WBG Datasheet
247Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC7SP302WBG TOSHIBA-TC7SP302WBG Datasheet
247Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC7SP3066TU TOSHIBA-TC7SP3066TU Datasheet
186Kb / 10P
   Low Voltage Dual Supply Single Bus Switch (analog)
TC7SP3067TU TOSHIBA-TC7SP3067TU Datasheet
186Kb / 10P
   Low Voltage Dual Supply Single Bus Switch (analog)
TC7SP308WBG TOSHIBA-TC7SP308WBG Datasheet
246Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Descripción similar - TC7SPB9306TU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7MPB9307FT TOSHIBA-TC7MPB9307FT Datasheet
255Kb / 13P
   Low Voltage/Low Power 8-Bit Dual Supply Bus Switch
TC7SP3125TU TOSHIBA-TC7SP3125TU Datasheet
224Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
TC7SPN3125TU TOSHIBA-TC7SPN3125TU Datasheet
224Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
TC7SP3125CFC TOSHIBA-TC7SP3125CFC Datasheet
166Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
2009-02-02
TC7SPN3125CFC TOSHIBA-TC7SPN3125CFC Datasheet
226Kb / 10P
   Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
2014-03-01
TC7MPS3125FTG TOSHIBA-TC7MPS3125FTG Datasheet
306Kb / 22P
   Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
TC7MPS3125FK TOSHIBA-TC7MPS3125FK Datasheet
322Kb / 23P
   Low Voltage/Low Power 1 3-Bit Dual Supply Bus Transceiver
2011-07-21
TC7MPB9326FT TOSHIBA-TC7MPB9326FT Datasheet
557Kb / 13P
   Low Voltage / Low Power Dual SPDT Supply Bus Switch
2017-02-23
logo
ON Semiconductor
NC7SZ384 ONSEMI-NC7SZ384 Datasheet
315Kb / 11P
   1-Bit Low Power Bus Switch
Revised December 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com