Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7SZ126F Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC7SZ126F
Descripción Electrónicos  Bus Buffer 3-State Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ126F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SZ126F_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ126F_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ126F_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ126F_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ126F_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7SZ126F_09 Datasheet HTML 6Page - Toshiba Semiconductor TC7SZ126F_09 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7SZ126F/FU
2009-09-18
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
2.0
5.3
11.0
2.0
11.5
2.5
± 0.2
0.8
3.4
7.5
0.8
8.0
3.3
± 0.3
0.5
2.5
5.2
0.5
5.5
CL = 15 pF,
RL = 1 MΩ
(Figure 1 )
5.0
± 0.5
0.5
2.1
4.5
0.5
4.8
3.3
± 0.3
1.5
3.2
5.7
1.5
6.0
Propagation delay time
tpLH
tpHL
CL = 50 pF,
RL = 500 Ω
(Figure 1 )
5.0
± 0.5
0.8
2.6
5.0
0.8
5.3
ns
1.8
2.0
6.1
11.5
2.0
12.0
2.5
± 0.2
1.5
3.8
8.0
1.5
8.5
3.3
± 0.3
1.5
3.2
5.7
1.5
6.0
Output enable time
tpZL
tpZH
CL = 50 pF,
RL = 500 Ω
(Figure 1 )
5.0
± 0.5
0.8
2.3
5.0
0.8
5.3
ns
1.8
2.0
5.0
11.0
2.0
12.0
2.5
± 0.2
1.0
4.0
8.0
1.5
8.5
3.3
± 0.3
1.0
3.5
5.7
1.0
6.0
Output disable time
tpLZ
tpHZ
CL = 50 pF,
RL = 500 Ω
(Figure 1 )
5.0
± 0.5
0.5
2.5
4.7
0.5
5.0
ns
Input capacitance
CIN
0 to 5.5
4
pF
3.3
17
Power dissipation capacitance
CPD
(Note 7)
5.5
24
pF
Note 7: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC
AC Characteristics Measurement Circuit
Characteristics
Switch
tpLH, tpHL
Open
tpLZ, tpZL
VCC × 2
tpHZ, tpZH
GND
Measure
Open
VCC × 2
GND
Output
Switch
Figure 1


Número de pieza similar - TC7SZ126F_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SZ126F TOSHIBA-TC7SZ126F_07 Datasheet
210Kb / 7P
   Bus Buffer 3-State Output
More results

Descripción similar - TC7SZ126F_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SZ126F TOSHIBA-TC7SZ126F Datasheet
186Kb / 5P
   BUS BUFFER, 3-STATE OUTPUT
TC7SZ125F TOSHIBA-TC7SZ125F Datasheet
188Kb / 5P
   BUS BUFFER 3-STATE OUTPUT
TC7SH125F TOSHIBA-TC7SH125F_09 Datasheet
174Kb / 6P
   Bus Buffer 3-STATE Output
TC7SZ125F TOSHIBA-TC7SZ125F_07 Datasheet
191Kb / 7P
   Bus Buffer 3-State Output
TC7SZ126F TOSHIBA-TC7SZ126F_07 Datasheet
210Kb / 7P
   Bus Buffer 3-State Output
TC7SZ125AFS TOSHIBA-TC7SZ125AFS Datasheet
162Kb / 6P
   Bus Buffer 3-State Output
TC7SZ125F TOSHIBA-TC7SZ125F_09 Datasheet
180Kb / 7P
   Bus Buffer 3-State Output
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com