Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74LCX86F Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TC74LCX86F
Descripción Electrónicos  Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX86F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74LCX86F_08 Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX86F_08 Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX86F_08 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX86F_08 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX86F_08 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX86F_08 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX86F_08 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX86F_08 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX86F_08 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74LCX86F/FN/FT/FK
2008-05-01
5
AC Test Circuit
AC Waveform
Output
Measure
CL = 50 pF
RL = 500 Ω
Figure 1
Figure 2
tpLH, tpHL
Input
90%
10%
Output
VOL
VOH
GND
2.7 V
1.5 V
tpHL
tpLH
tf 2.5 ns
tr 2.5 ns
1.5 V


Número de pieza similar - TC74LCX86F_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LCX86F TOSHIBA-TC74LCX86F_07 Datasheet
237Kb / 9P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
More results

Descripción similar - TC74LCX86F_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LCX86F TOSHIBA-TC74LCX86F_12 Datasheet
216Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX86F TOSHIBA-TC74LCX86F_07 Datasheet
237Kb / 9P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
TC74VCX86FT TOSHIBA-TC74VCX86FT_07 Datasheet
245Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 3.6-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74ALVC86 FAIRCHILD-74ALVC86_05 Datasheet
93Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
74VCX86 FAIRCHILD-74VCX86 Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC86 FAIRCHILD-74ALVC86 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74LCX32F TOSHIBA-TC74LCX32F_07 Datasheet
271Kb / 10P
   Low-Voltage Quad 2-Input OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX32F TOSHIBA-TC74LCX32F_12 Datasheet
216Kb / 10P
   Low-Voltage Quad 2-Input OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX86F TOSHIBA-TC74LCX86F Datasheet
254Kb / 8P
   LOW VOLTAGE QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86_08 Datasheet
407Kb / 11P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com