Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPC8406-H Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TPC8406-H
Descripción Electrónicos  Field Effect Transistor Silicon P/N-Channel MOS Type (P-Channel竊뢓-Channel Ultra-High-Speed U-MOSIII)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8406-H Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TPC8406-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 7Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 8Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 9Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 10Page - Toshiba Semiconductor TPC8406-H Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TPC8406-H
2009-09-29
8
N-Channel
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
0
10
2
6
4
8
0.2
0
1.0
0.4
0.6
0.8
0
20
4
12
8
16
0.4
0
2.0
0.8
1.2
1.6
Common source
Ta
= 25°C
Pulse test
VGS = 2.6 V
3
3.4
2.7
3.1
6
10
3.8
2.8
2.9
4.5
5
3.2
4
Common source
Ta
= 25°C
Pulse test
VGS = 2.6 V
3.2
3.4
6
10
3.8
2.8
3
4.5
5
3.6
4
0
0.3
0.4
0.5
0
4
6
8
10
12
0.2
0.1
0
0
1
2
3
10
30
15
20
5
5
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
ID = 6.5 A
3.3
1.7
Common source
Ta
= 25℃
Pulse test
25
4
2
Ta
= −55°C
25
100
Common source
VDS = 10 V
Pulse test
6
3
0.1
10
30
300
100
0.1
100
0.1
1
100
10
10
Drain current ID (A)
RDS (ON) – ID
Drain current ID (A)
⎪Yfs⎪ – ID
1
1
25
100
Ta
= −55°C
Common source
VDS = 10 V
Pulse test
VGS = 10 V
4.5 V
Common source
Ta
= 25°C
Pulse test
10
100


Número de pieza similar - TPC8406-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
TPC8406-H VBSEMI-TPC8406-H Datasheet
2Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Descripción similar - TPC8406-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPC6109-H TOSHIBA-TPC6109-H Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8103-H TOSHIBA-TPCP8103-H Datasheet
212Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra High speed U-MOSIII)
TPC8020-H TOSHIBA-TPC8020-H_06 Datasheet
458Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPC8020-H TOSHIBA-TPC8020-H Datasheet
88Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (Ultra High-Speed U-MOSIII)
TPCA8022-H TOSHIBA-TPCA8022-H Datasheet
249Kb / 7P
   Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8303 TOSHIBA-TPCS8303 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC8107 TOSHIBA-TPC8107 Datasheet
219Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com