Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST1115D Datasheet(PDF) 9 Page - Silicon Touch Technology Inc.

No. de pieza ST1115D
Descripción Electrónicos  PWM Speed Control Double Coil Brushless DC Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITI [Silicon Touch Technology Inc.]
Página de inicio  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1115D Datasheet(HTML) 9 Page - Silicon Touch Technology Inc.

Back Button ST1115D Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 7Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 8Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 9Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 10Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 11Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 12Page - Silicon Touch Technology Inc. ST1115D Datasheet HTML 13Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1115C/ST1115D
SP-ST1115CD-A.005
Version
:A.005
Page
:8
3. Fan speed control by the PWM command
―Refer to Figure 5.
VSS
VSS
VSS
VSS
VSS
VSS
VSS
Q1
R4
R3
R1
PWM
R2
10K
75
1u
1u
IC
Hall
ST1115C
C1
RD
Digital Power
GND
Hin
VT
CF
C2
O2
O1
Analog Power
Z2
Z1
D1
RD
VDD
Figure 5. Fan speed control via the PWM command.
(1) Figure 5 shows the application circuit, where the fan speed is directly controlled by the
PWM command. The BJT Q1 together with resistors R1 and R2 constitutes an inverting
level shifter, which is responsible for translating the voltage level of the PWM command
to the VDD voltage level of the drive IC. In this way, the voltage level of the PWM
command can be very low, say, 2 Volt, for example.
(2) For this circuit, the PWM command is active high and its frequency range is 200 Hz ~
40 KHz. If low acoustic noise is desired, the 20 KHz~40 KHz of the PWM frequency
range is recommended.


Número de pieza similar - ST1115D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Touch Technolog...
ST1115J SITI-ST1115J Datasheet
176Kb / 7P
   Flexible PWM Speed Control Double Coil Brushless DC Motor Pre-Driver
More results

Descripción similar - ST1115D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Touch Technolog...
ST1115J SITI-ST1115J Datasheet
176Kb / 7P
   Flexible PWM Speed Control Double Coil Brushless DC Motor Pre-Driver
ST1116B SITI-ST1116B Datasheet
179Kb / 7P
   Variable Speed Double Coil DC Brushless Motor Driver
ST1116A SITI-ST1116A Datasheet
181Kb / 7P
   Variable Speed Double Coil Brushless DC Motor Driver
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
Shaoxing Devechip Micro...
SDC1576 SDC-SDC1576 Datasheet
414Kb / 11P
   Single-Coil Brushless DC Motor Driver
logo
Silicon Touch Technolog...
ST1114E SITI-ST1114E Datasheet
126Kb / 7P
   Double Coil Brushless DC Motor Driver ( 1.8 to 16 Volts )
ST1111J SITI-ST1111J Datasheet
180Kb / 8P
   PWM Input Control Single Coil Brushless DC Motor Drivers ( 1.5 to 7.5 Volts )
logo
Sanyo Semicon Device
LB1947 SANYO-LB1947 Datasheet
60Kb / 7P
   PWM Current Control Type DC Motor Driver
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Allegro MicroSystems
STA6940M ALLEGRO-STA6940M Datasheet
490Kb / 19P
   Brushed DC Motor Driver IC With PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com