Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5238 Datasheet(PDF) 1 Page - Zowie Technology Corporation

No. de pieza 1N5238
Descripción Electrónicos  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZOWIE [Zowie Technology Corporation]
Página de inicio  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

1N5238 Datasheet(HTML) 1 Page - Zowie Technology Corporation

  1N5238 Datasheet HTML 1Page - Zowie Technology Corporation 1N5238 Datasheet HTML 2Page - Zowie Technology Corporation 1N5238 Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N5220...1N5281
SILICON PLANAR ZENER DIODES
Standard Zener voltage tolerance is ± 20%.
Add suffix "A" for ± 10% Tolerance, suffix
"B" for ± 5% tolerance, suffix "C" for ± 2%
tolerance, Other tolerance, non standard
and higher Zener voltages are upon request.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation at Tamb = 75 OC
Ptot
500
1)
mW
Junction Temperature
Tj
200
O
C
Storage Temperature Range
TS
- 65 to + 200
O
C
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
0.3
1)
K/mW
Forward Voltage
at IF = 200 mA
VF
1.1
V
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black
Zowie Technology Corporation
Zowie Technology Corporation
REV. 0


Número de pieza similar - 1N5238

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Surge Components
1N5238 SURGE-1N5238 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Jinan Jingheng (Group) ...
1N5238 JINANJINGHENG-1N5238 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5238 HORNBY-1N5238 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5238 SEME-LAB-1N5238 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micro Commercial Compon...
1N5238 MCC-1N5238 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

Descripción similar - 1N5238

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com