Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT54RAGH Datasheet(PDF) 2 Page - Zowie Technology Corporation

No. de pieza BAT54RAGH
Descripción Electrónicos  Schottky Barrier Diode Lead free product Halogen-free type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZOWIE [Zowie Technology Corporation]
Página de inicio  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAT54RAGH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  BAT54RAGH Datasheet HTML 1Page - Zowie Technology Corporation BAT54RAGH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Zowie Technology Corporation
BAT54RAGH
FIGURE 1. RECOVERY TIME EQUIVALENT TEST CIRCUIT
Zowie Technology Corporation
REV. 0
Notes: 1. A 2.0k
variable resistor adjusted for a Forward Current (IF) of 10mA.
2. Input pulse is adjusted so IR(peak) is equal to 10mA.
3. tp » trr
+10 V
2 k
820
0.1uF
D.U.T.
VR
100uH
0.1uF
50
OUTPUT
PULSE
GENERATOR
50
INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
T
10%
90%
IF
IR
trr
T
iR(REC) = 1mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1mA
IF
INPUT SIGNAL
100
0.0
0.1
VF, FORWARD VOLTAGE ( VOLTS )
0.2
0.3
0.4
0.5
10
1.0
0.1
10
0
5
VR, REVERSE VOLTAGE ( VOLTS )
1.0
0.1
0.01
0.001
15
10
20
25
14
0
5
VR, REVERSE VOLTAGE ( VOLTS )
12
4
2
0
15
10
30
FIGURE 2. FORWARD VOLTAGE
FIGURE 3. LEAKAGE CURRENT
FIGURE 4. TOTAL CAPACITANCE
TA=150
o C
TA=125
oC
TA=85
oC
TA=25
oC
0.6
-55
oC
125
oC
85
oC
100
1000
30
25
20
6
8
10


Número de pieza similar - BAT54RAGH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
BAT54RALT1 LRC-BAT54RALT1 Datasheet
55Kb / 2P
   Schottky Barrier Diodes
logo
E-Tech Electronics LTD
BAT54RALT1 ETL-BAT54RALT1 Datasheet
104Kb / 2P
   Schottky Barrier Diodes
More results

Descripción similar - BAT54RAGH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
BAT54HT1GH ZOWIE-BAT54HT1GH Datasheet
43Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54RSGH ZOWIE-BAT54RSGH Datasheet
81Kb / 3P
   Schottky Barrier Diode Lead free product Halogen - free type
RB491DGH ZOWIE-RB491DGH Datasheet
48Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54WGH ZOWIE-BAT54WGH Datasheet
121Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
RB521S-30GH ZOWIE-RB521S-30GH Datasheet
359Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54CWGH ZOWIE-BAT54CWGH Datasheet
49Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54RGH ZOWIE-BAT54RGH Datasheet
128Kb / 4P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54RCGH ZOWIE-BAT54RCGH Datasheet
46Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54SWGH ZOWIE-BAT54SWGH Datasheet
51Kb / 2P
   Schottky Barrier Diode Lead free product Halogen - free type
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com