Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC2411K Datasheet(PDF) 5 Page - Weitron Technology

No. de pieza 2SC2411K
Descripción Electrónicos  NPN General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEITRON [Weitron Technology]
Página de inicio  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC2411K Datasheet(HTML) 5 Page - Weitron Technology

  2SC2411K Datasheet HTML 1Page - Weitron Technology 2SC2411K Datasheet HTML 2Page - Weitron Technology 2SC2411K Datasheet HTML 3Page - Weitron Technology 2SC2411K Datasheet HTML 4Page - Weitron Technology 2SC2411K Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
WEITRON
http://www.weitron.com.tw
Dim
A
B
C
D
E
G
H
J
K
L
M
Min
0.35
1.19
2.10
0.85
0.46
1.70
2.70
0.01
0.89
0.30
0.076
Max
0.51
1.40
3.00
1.05
1.00
2.10
3.10
0.13
1.10
0.61
0.25
A
B
D
E
G
M
L
H
J
TOP VIEW
K
C
SOT-23
SOT-23 Outline Dimension
2SC2411K
5/5
22-May-08


Número de pieza similar - 2SC2411K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
2SC2411K ROHM-2SC2411K Datasheet
73Kb / 4P
   Medium Power Transistor (32V, 0.5A)
logo
Guangdong Kexin Industr...
2SC2411K KEXIN-2SC2411K Datasheet
41Kb / 1P
   Medium Power Transistor
logo
Pan Jit International I...
2SC2411K PANJIT-2SC2411K Datasheet
359Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Rohm
2SC2411K ROHM-2SC2411K Datasheet
78Kb / 4P
   Medium Power Transistor (32V, 0.5A)
logo
SHENZHEN YONGERJIA INDU...
2SC2411K WINNERJOIN-2SC2411K Datasheet
129Kb / 1P
   TRANSISTOR (NPN)
More results

Descripción similar - 2SC2411K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com