Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF4006 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

No. de pieza UF4006
Descripción Electrónicos  1Amp ultra fast recovery rectifier 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENYI [Shanghai Lunsure Electronic Tech]
Página de inicio  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

UF4006 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  UF4006 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech UF4006 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UF4001 thru UF4007
www.cnelectr.com
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
10
20
30
40
Pulse width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
0.6
0
50
0.2
1.0
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE , C
0.8
0.4
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
0
0.1
1.0
10
0.6
0.8
1.0
0.01
1.8
1.6
TJ = 25 C
PULSE WIDTH 300us
UF4001 - UF4003
UF4005 - UF4007
UF4004
FIG.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
100
10
1.0
4
UF4005 to UF4007
UF4001 to UF4004
TJ = 25 C, f= 1MHz


Número de pieza similar - UF4006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
UF4006 WTE-UF4006 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Nanjing International G...
UF4006 DGNJDZ-UF4006 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
UF4006 TSC-UF4006 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Digitron Semiconductors
UF4006 DIGITRON-UF4006 Datasheet
102Kb / 2P
   ULTRAFAST PLASTIC RECTIFIER
logo
Won-Top Electronics
UF4006 WTE-UF4006 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
More results

Descripción similar - UF4006

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Lunsure Electr...
UF4001GP CHENYI-UF4001GP Datasheet
256Kb / 2P
   1Amp glass passivated ultra fast recovery rectifier 50to1000 volts
MUR105 CHENYI-MUR105 Datasheet
50Kb / 3P
   1Amp super fast recovery rectifier 50to1000 volts
UF5400 CHENYI-UF5400 Datasheet
57Kb / 3P
   3Amp ultra fast recovery rectifier 50to1000 volts
UF5400GP CHENYI-UF5400GP Datasheet
54Kb / 3P
   3Amp ultra fast glass passivated recovery rectifier 50to1000 volts
US1A CHENYI-US1A Datasheet
872Kb / 3P
   1Amp ultra fast rectifier 50to800 volts
MUR405 CHENYI-MUR405 Datasheet
58Kb / 2P
   4Amp super fast recovery rectifier 50to1000 volts
PF501 CHENYI-PF501 Datasheet
336Kb / 2P
   50Amp standard recovery rectifier 50to1000 volts
PF251 CHENYI-PF251 Datasheet
332Kb / 2P
   25Amp fast recover rectifier 50to1000 volts
logo
List of Unclassifed Man...
SDR504 ETC-SDR504 Datasheet
324Kb / 6P
   ULTRA FAST RECOVERY RECTIFIER 400-1000 VOLTS
logo
Shanghai Lunsure Electr...
RGP15A CHENYI-RGP15A Datasheet
50Kb / 3P
   1.5Amp glass passivated junction fast recovery rectifiers 50to1000 volts
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com