Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC80C51TXXX-L20ME Datasheet(PDF) 5 Page - TEMIC Semiconductors

No. de pieza TSC80C51TXXX-L20ME
Descripción Electrónicos  CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEMIC [TEMIC Semiconductors]
Página de inicio  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC80C51TXXX-L20ME Datasheet(HTML) 5 Page - TEMIC Semiconductors

  TSC80C51TXXX-L20ME Datasheet HTML 1Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 2Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 3Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 4Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 5Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 6Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 7Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 8Page - TEMIC Semiconductors TSC80C51TXXX-L20ME Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TSC80C31/80C51
Rev. E (14 Jan.97)
5
MATRA MHS
PSEN
Program Store Enable output is the read strobe to external
Program Memory. PSEN is activated twice each machine
cycle during fetches from external Program Memory.
(However, when executing out of external Program
Memory, two activations of PSEN are skipped during
each access to external Data Memory). PSEN is not
activated during fetches from internal Program Memory.
PSEN can sink or source 8 LS TTL inputs. It can drive
CMOS inputs without an external pullup.
EA
When EA is held high, the CPU executes out of internal
Program Memory (unless the Program Counter exceeds
3 FFFH). When EA is held low, the CPU executes only out
of external Program Memory. EA must not be floated.
XTAL1
Input to the inverting amplifier that forms the oscillator.
Receives the external oscillator signal when an external
oscillator is used.
XTAL2
Output of the inverting amplifier that forms the oscillator.
This pin should be floated when an external oscillator is
used.
Idle And Power Down Operation
Figure 3. shows the internal Idle and Power Down clock
configuration. As illustrated, Power Down operation
stops the oscillator. Idle mode operation allows the
interrupt, serial port, and timer blocks to continue to
function, while the clock to the CPU is gated off.
These special modes are activated by software via the
Special Function Register, PCON. Its hardware address is
87H. PCON is not bit addressable.
Figure 3. Idle and Power Down Hardware.
PCON : Power Control Register
(MSB)
(LSB)
SMOD
GF1
GF0
PD
IDL
Symbol
Position
Name and Function
SMOD
PCON.7
Double Baud rate bit. When set to
a 1, the baud rate is doubled when
the serial port is being used in
either modes 1, 2 or 3.
PCON.6
(Reserved)
PCON.5
(Reserved)
PCON.4
(Reserved)
GF1
PCON.3
General-purpose flag bit.
GF0
PCON.2
General-purpose flag bit.
PD
PCON.1
Power Down bit. Setting this bit
activates power down operation.
IDL
PCON.0
Idle mode bit. Setting this bit
activates idle mode operation.
If 1’s are written to PD and IDL at the same time. PD
takes, precedence. The reset value of PCON is
(000X0000).
Idle Mode
The instruction that sets PCON.0 is the last instruction
executed before the Idle mode is activated. Once in the
Idle mode the CPU status is preserved in its entirety : the
Stack Pointer, Program Counter, Program Status Word,
Accumulator, RAM and all other registers maintain their
data during idle. Table 1 describes the status of the
external pins during Idle mode.
There are three ways to terminate the Idle mode.
Activation of any enabled interrupt will cause PCON.0 to
be cleared by hardware, terminating Idle mode. The
interrupt is serviced, and following RETI, the next
instruction to be executed will be the one following the
instruction that wrote 1 to PCON.0.


Número de pieza similar - TSC80C51TXXX-L20ME

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
   TSC 80251 Programmer?셲 Guide
TSC80251-SK TEMIC-TSC80251-SK Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251-SK TEMIC-TSC80251-SK Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
TSC80251A1-A16CBR TEMIC-TSC80251A1-A16CBR Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
More results

Descripción similar - TSC80C51TXXX-L20ME

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com