Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC-4532CC727XF-A75 Datasheet(PDF) 10 Page - Elpida Memory |
|
MC-4532CC727XF-A75 Datasheet(HTML) 10 Page - Elpida Memory |
10 / 16 page 10 MC-4532CC727 Data Sheet E0052N20 Serial PD (1/2) Byte No. Function Described Hex Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Notes 0 Defines the number of bytes written into serial PD memory 80H 1 0 0 0 0 0 0 0 128 bytes 1 Total number of bytes of serial PD memory 08H 0 0 0 0 1 0 0 0 256 bytes 2 Fundamental memory type 04H 0 0 0 0 0 1 0 0 SDRAM 3 Number of rows 0CH 0 0 0 0 1 1 0 0 12 rows 4 Number of columns 0AH 0 0 0 0 1 0 1 0 10 columns 5 Number of banks 02H 0 0 0 0 0 0 1 0 2 banks 6 Data width 48H 0 1 0 0 1 0 0 0 72 bits 7 Data width (continued) 00H 0 0 0 0 0 0 0 0 0 8 Voltage interface 01H 0 0 0 0 0 0 0 1 LVTTL 9 CL = 3 Cycle time 75H 0 1 1 1 0 1 0 1 7.5 ns 10 CL =3 Access time 54H 0 1 0 1 0 1 0 0 5.4 ns 11 DIMM configuration type 02H 0 0 0 0 0 0 1 0 ECC 12 Refresh rate/type 80H 1 0 0 0 0 0 0 0 Normal 13 SDRAM width 08H 0 0 0 0 1 0 0 0 ×8 14 Error checking SDRAM width 08H 0 0 0 0 1 0 0 0 ×8 15 Minimum clock delay 01H 0 0 0 0 0 0 0 1 1 clock 16 Burst length supported 8FH 1 0 0 0 1 1 1 1 1, 2, 4, 8, F 17 Number of banks on each SDRAM 04H 0 0 0 0 0 1 0 0 4 banks 18 /CAS latency supported 06H 0 0 0 0 0 1 1 0 2, 3 19 /CS latency supported 01H 0 0 0 0 0 0 0 1 0 20 /WE latency supported 01H 0 0 0 0 0 0 0 1 0 21 SDRAM module attributes 00H 0 0 0 0 0 0 0 0 22 SDRAM device attributes : General 0EH 0 0 0 0 1 1 1 0 23 CL = 2 Cycle time A0H 1 0 1 0 0 0 0 0 10 ns 24 CL =2 Access time 60H 0 1 1 0 0 0 0 0 6 ns 25-26 00H 0 0 0 0 0 0 0 0 27 tRP(MIN.) 14H 0 0 0 1 0 1 0 0 20 ns 28 tRRD(MIN.) 0FH 0 0 0 0 1 1 1 1 15 ns 29 tRCD(MIN.) 14H 0 0 0 1 0 1 0 0 20 ns 30 tRAS(MIN.) 2DH 0 0 1 0 1 1 0 1 45 ns 31 Module bank density 20H 0 0 1 0 0 0 0 0 128M bytes |
Número de pieza similar - MC-4532CC727XF-A75 |
|
Descripción similar - MC-4532CC727XF-A75 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |