Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX55-C3V3 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

No. de pieza BZX55-C3V3
Descripción Electrónicos  Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GOOD-ARK [GOOD-ARK Electronics]
Página de inicio  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BZX55-C3V3 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  BZX55-C3V3 Datasheet HTML 1Page - GOOD-ARK Electronics BZX55-C3V3 Datasheet HTML 2Page - GOOD-ARK Electronics BZX55-C3V3 Datasheet HTML 3Page - GOOD-ARK Electronics BZX55-C3V3 Datasheet HTML 4Page - GOOD-ARK Electronics BZX55-C3V3 Datasheet HTML 5Page - GOOD-ARK Electronics BZX55-C3V3 Datasheet HTML 6Page - GOOD-ARK Electronics BZX55-C3V3 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
493
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(T
A=25
oC unless otherwise noted)
Silicon Planar Power Zener Diodes.
The Zener voltages are graded according to the international
E 24 standard. Standard Zener voltage tolerance is ±5%.
Replace suffix "C" with "B" for ±2% tolerance. Other voltage
tolerances and other Zener voltages are available upon
request.
Case: DO-35 Glass Case
Weight: approx. 0.13g
s
e
i
r
e
S
5
5
X
Z
B
s
e
d
o
i
D
r
e
n
e
Z
W
m
0
0
5
:
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
s
t
l
o
V
0
0
2
o
t
4
.
2
,
8
.
0
:
e
g
n
a
R
e
g
a
t
l
o
V
r
e
n
e
Z
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
)
"
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
"
e
l
b
a
T
e
e
s
(
t
n
e
r
r
u
c
r
e
n
e
Z
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
5
2
=
oCP
t
o
t
0
0
5
)
1
(
W
m
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
TR
θ A
J
0
0
3
)
1
(o
W
/
C
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
JT
j
5
7
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
S
5
7
1
+
o
t
5
5
-
oC
Notes:
1. Valid provided that leads at a distance of 3/8" from case are kept at ambient temperature.


Número de pieza similar - BZX55-C3V3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Semiconductor
BZX55-C3V3 GE-BZX55-C3V3 Datasheet
298Kb / 6P
   ZENER DIODES
logo
Micro Commercial Compon...
BZX55-C3V3 MCC-BZX55-C3V3 Datasheet
154Kb / 3P
   500 mWatt Zener Diode 2.42 to 47 Volts
logo
Pan Jit International I...
BZX55-C3V3 PANJIT-BZX55-C3V3 Datasheet
126Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX55-C3V3 TSC-BZX55-C3V3 Datasheet
73Kb / 3P
   500mW Zener Diode
logo
New Jersey Semi-Conduct...
BZX55-C3V3 NJSEMI-BZX55-C3V3 Datasheet
178Kb / 2P
   ZENER DIODES
More results

Descripción similar - BZX55-C3V3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com