Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STK433-120-E Datasheet(PDF) 2 Page - Sanyo Semicon Device |
|
STK433-120-E Datasheet(HTML) 2 Page - Sanyo Semicon Device |
2 / 11 page STK433-120-E No. A1595-2/11 Specifications Absolute maximum ratings at Ta=25 °C (excluding rated temperature items), Tc=25°C unless otherwise specified Parameter Symbol Conditions Ratings Unit Maximum quiescent supply voltage 0 VCC max (0) When no signal ±65 V Maximum supply voltage 1 VCC max (1) RL≥6Ω ±57 V Minimum operating supply voltage VCC min ±10 V Maximum operating flow-in current (pin 13) *7 IST OFF max 0.6 mA Thermal resistance θj-c Per power transistor 1.8 °C/W Junction temperature Tj max Both the Tj max and Tc max conditions must be met. 150 °C IC substrate operating temperature Tc max 125 °C Storage temperature Tstg -30 to +125 °C Allowable load shorted time *4 ts VCC=±40V, RL=6Ω, f=50Hz, PO=80W, 1-channel active 0.3 s Operating Characteristics at Tc=25 °C, RL=6Ω, Rg=600Ω, VG=30dB, non-inductive load RL, unless otherwise specified Conditions *2 Ratings Parameter Symbol VCC (V) f (Hz) PO (W) THD (%) min typ max unit PO (1) ±40 20 to 20k 0.4 76 80 Output power *1 PO (2) ±40 1k 10 120 W THD (1) ±40 20 to 20k 0.4 Total harmonic distortion *1 THD (2) ±40 1k 5.0 VG=30dB 0.01 % Frequency characteristics *1 fL, fH ±40 1.0 +0 -3dB 20 to 50k Hz Input impedance ri ±40 1k 1.0 55 k Ω Output noise voltage *3 VNO ±48 Rg=2.2k Ω 1.0 mVrms Quiescent current ICCO ±48 No loading 20 45 80 mA Output neutral voltage VN ±48 -70 0 +70 mV Current flowing into pin13 in standby mode *7 IST ON ±40 0 mA Current flowing into pin13 in operating mode *7 IST OFF ±40 Voltage at pin13: 5V, Current limiting resistance R1: 13k Ω 0.25 0.6 mA [Remarks] *1: For 1-channel operation *2: Unless otherwise specified, use a constant-voltage power supply to supply power when inspections are carried out. *3: The output noise voltage values shown are peak values read with a VTVM. However, an AC stabilized (50Hz) power supply should be used to minimize the influence of AC primary side flicker noise on the reading. *4: Use the designated transformer power supply circuit shown in the figure below for the measurement of allowable load shorted time and output noise voltage. *5: Please connect –Pre VCC pin (#1 pin) with the stable minimum voltage and connect so that current does not flow in by reverse bias. *6: Thermal design must be implemented based on the conditions under which the customer’s end products are expected to operate on the market. *7: Be sure to use the current limiting resistor to prevent the current flowing into the standby pin (pin13) never exceeds the maximum rated value in operating mode. The circuit is turned on by applying VBE (approximately 0.6V) or higher voltage to the standby pin (pin13). *8: A thermoplastic adhesive resin is used for this hybrid IC. 10000 μF 10000 μF DBA40C 500 Ω 500 Ω +VCC -VCC + + Designated transformer power supply (MG-200 equivalent) |
Número de pieza similar - STK433-120-E |
|
Descripción similar - STK433-120-E |