Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD01N Datasheet(PDF) 2 Page - Sanken electric

No. de pieza STD01N
Descripción Electrónicos  Darlington Transistors for Audio Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STD01N Datasheet(HTML) 2 Page - Sanken electric

  STD01N Datasheet HTML 1Page - Sanken electric STD01N Datasheet HTML 2Page - Sanken electric STD01N Datasheet HTML 3Page - Sanken electric STD01N Datasheet HTML 4Page - Sanken electric STD01N Datasheet HTML 5Page - Sanken electric STD01N Datasheet HTML 6Page - Sanken electric STD01N Datasheet HTML 7Page - Sanken electric STD01N Datasheet HTML 8Page - Sanken electric STD01N Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Darlington Transistors for Audio Amplifiers
STD01N and
STD01P
2
Sanken Electric Co., Ltd.
3-6-3 Kitano, Niiza-shi, Saitama-ken
352-8666, Japan
Phone:+81-48-472-1111
http://www.sanken-ele.co.jp
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature of +25°C, unless otherwise stated.
ABSOLUTE MAXIMUM RATINGS at TA = 25°C
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage1
VCBO
150
V
Collector-Emitter Voltage1
VCEO
150
V
Emitter-Base Voltage1
VEBO
5V
Collector Current1
IC
10
A
Base Current1
IB
1A
Collector Power Dissipation2
PC
100
W
Diode Forward Current
IF
10
mA
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
–55 to150
°C
1
For PNP type (STD01P), voltage and current values are negative.
2
TC = 25°C.
SELECTION GUIDE
Part Number
Type
hFE Rating
Packing
STD01N*
NPN
Range O: 5000 to 12000
Bulk, 100 pieces
Range Y: 8000 to 20000
STD01P*
PNP
Range O: 5000 to 12000
Range Y: 8000 to 20000
*Specify hFE range when ordering. If no hFE range is specified, order will be fulfilled with either or both range O and range Y,
depending upon availability.
ELECTRICAL CHARACTERISTICS at TA = 25°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector-Cutoff Current1
ICBO
VCB = 150 V
100
μA
Emitter Cutoff Current1
IEBO
VEB = 5 V
100
μA
Collector-Emitter Voltage1
VCEO
IC = 30 mA
150
V
DC Current Transfer Ratio2,3
hFE
VCE = 4 V, IC = 6 A
5000
20000
Collector-Emitter Saturation Voltage1
VCE(sat)
IC = 6 A, IB = 6 mA
–2.0
V
Base-Emitter Saturation Voltage1
VBE(sat)
IC = 6 A, IB = 6 mA
–2.5
V
Base-Emitter Voltage
VBE
STD01N
VCE = 20 V, IC = 40 mA
1220
mV
STD01P
VCE = –20 V, IC = –40 mA
1230
mV
Diode Forward Voltage
VF
STD01N
IF = 2.5 mA
705
mV
STD01P
IF = 2.5 mA
1580
mV
1
For PNP type (STD01P), voltage and current values are negative.
2
hFE rating: 5000 to 12000(O brand on package), 8000 to 20000 (Y).
3
When the transistor is used in pairs, the following conditions must be satisfied: Total VF ≤ Total VBE of the transistors (the above measurement
conditions shall be applied), and ∆V = 0 to 500 mV.


Número de pieza similar - STD01N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
STD01N ALLEGRO-STD01N Datasheet
343Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD01N SANKEN-STD01N Datasheet
291Kb / 9P
   Darlington Transistors for Audio Amplifiers
More results

Descripción similar - STD01N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
STD03N ALLEGRO-STD03N Datasheet
363Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD02N SANKEN-STD02N Datasheet
291Kb / 9P
   Darlington Transistors for Audio Amplifiers
STD03N SANKEN-STD03N Datasheet
343Kb / 8P
   Darlington Transistors for Audio Amplifiers
STD01N SANKEN-STD01N Datasheet
291Kb / 9P
   Darlington Transistors for Audio Amplifiers
logo
Allegro MicroSystems
STD01N ALLEGRO-STD01N Datasheet
343Kb / 7P
   Darlington Transistors for Audio Amplifiers
STD02N ALLEGRO-STD02N Datasheet
344Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
SAP15P SANKEN-SAP15P Datasheet
135Kb / 6P
   Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
logo
Fairchild Semiconductor
BD159STU FAIRCHILD-BD159STU Datasheet
44Kb / 4P
   For T.V Radio Audio Output Amplifiers
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
   Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
   Darlington Transistors
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com