Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9231 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD9231
Descripción Electrónicos  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9231 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9231 Datasheet HTML 6Page - Analog Devices AD9231 Datasheet HTML 7Page - Analog Devices AD9231 Datasheet HTML 8Page - Analog Devices AD9231 Datasheet HTML 9Page - Analog Devices AD9231 Datasheet HTML 10Page - Analog Devices AD9231 Datasheet HTML 11Page - Analog Devices AD9231 Datasheet HTML 12Page - Analog Devices AD9231 Datasheet HTML 13Page - Analog Devices AD9231 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD9231
Rev. 0 | Page 10 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CLK+
CLK–
SYNC
NC
NC
NC
NC
(LSB) D0B
D1B
DRVDD
D2B
D3B
D4B
D5B
D6B
D7B
PDWN
OEB
CSB
SCLK/DFS
SDIO/DCS
ORA
D11A (MSB)
D10A
D9A
D8A
D7A
DRVDD
D6A
D5A
D4A
D3A
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE MUST BE SOLDERED TO THE PCB GROUND TO
ENSURE PROPER HEAT DISSIPATION, NOISE, AND MECHANICAL
STRENGTH BENEFITS.
AD9231
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 8. Pin Function Description
Pin No.
Mnemonic
Description
0
GND
Exposed paddle is the only ground connection for the chip. Must be connected to PCB AGND.
1, 2
CLK+, CLK−
Differential Encode Clock. PECL, LVDS, or 1.8 V CMOS inputs.
3
SYNC
Digital Input. SYNC input to clock divider. 30 kΩ internal pull-down.
4, 5, 6, 7, 25, 26, 27, 29
NC
Do Not Connect.
8 to 9, 11 to 18, 20, 21
D0B to D11B
Channel B Digital Outputs. D11B = MSB.
10, 19, 28, 37
DRVDD
Digital Output Driver Supply (1.8 V to 3.3 V).
22
ORB
Channel B Out-of-Range Digital Output.
23
DCOB
Channel B Data Clock Digital Output.
24
DCOA
Channel A Data Clock Digital Output.
30 to 36, 38 to 42
D0A to D11A
Channel A Digital Outputs. D11A = MSB.
43
ORA
Channel A Out-of-Range Digital Output.
44
SDIO/DCS
SPI Data Input/Output (SDIO). Bidirectional SPI Data I/O in SPI mode. 30 kΩ internal pull-
down in SPI mode.
Duty Cycle Stabilizer (DCS). Static enable input for duty cycle stabilizer in non-SPI mode.
30 kΩ internal pull-up in non-SPI (DCS) mode.
45
SCLK/DFS
SPI Clock (SCLK) Input in SPI mode. 30 kΩ internal pull-down.
Data Format Select (DFS). Static control of data output format in non-SPI mode. 30 kΩ internal
pull-down.
DFS high = twos complement output.
DFS low = offset binary output.
46
CSB
SPI Chip Select. Active low enable; 30 kΩ internal pull-up.
47
OEB
Digital Input. Enable Channel A and Channel B digital outputs if low, tristate outputs if high.
30 kΩ internal pull-down.
48
PDWN
Digital Input. 30 kΩ internal pull-down.
PDWN high = power-down device.
PDWN low = run device, normal operation.


Número de pieza similar - AD9231

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9231-20EBZ AD-AD9231-20EBZ Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9231-40EBZ AD-AD9231-40EBZ Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9231-65EBZ AD-AD9231-65EBZ Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9231-80EBZ AD-AD9231-80EBZ Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9231BCPZ-20 AD-AD9231BCPZ-20 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
More results

Descripción similar - AD9231

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9231 AD-AD9231_17 Datasheet
849Kb / 37P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com