Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9122-M5375-EBZ Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD9122-M5375-EBZ
Descripción Electrónicos  Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9122-M5375-EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9122-M5375-EBZ Datasheet HTML 3Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 4Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 5Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 6Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 7Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 8Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 9Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 10Page - Analog Devices AD9122-M5375-EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
AD9122
Rev. 0 | Page 7 of 56
ABSOLUTE MAXIMUM RATINGS
THERMAL RESISTANCE
Table 6.
Parameter
With
Respect To
Rating
AVDD33
AVSS, EPAD,
CVSS, DVSS
−0.3 V to +3.6 V
IOVDD
AVSS, EPAD,
CVSS, DVSS
−0.3 V to +3.3 V
DVDD18, CVDD18
AVSS, EPAD,
CVSS, DVSS
−0.3 V to +2.1 V
AVSS
EPAD, CVSS,
DVSS
−0.3 V to +0.3 V
EPAD
AVSS, CVSS,
DVSS
−0.3 V to +0.3 V
CVSS
AVSS, EPAD,
DVSS
−0.3 V to +0.3 V
DVSS
AVSS, EPAD,
CVSS
−0.3 V to +0.3 V
FSADJ, REFIO,
IOUT1P/IOUT1N,
IOUT2P/IOUT2N
AVSS
−0.3 V to AVDD33 + 0.3 V
D[15:0]P/D[15:0]N,
FRAMEP/FRAMEN,
DCIP/DCIN
EPAD, DVSS
−0.3 V to DVDD18 + 0.3 V
DACCLKP/DACCLKN,
REFCLKP/REFCLKN
DVSS
−0.3 V to CVDD18 + 0.3 V
RESET, IRQ, CS, SCLK,
SDIO, SDO
EPAD, DVSS
−0.3 V to IOVDD + 0.3 V
Junction Temperature
125°C
Storage Temperature
Range
−65°C to +150°C
The exposed paddle (EPAD) must be soldered to the ground
plane for the 72-lead, LFCSP. The EPAD performs as an
electrical and thermal connection to the board.
Typical θJA, θJB, and θJC are specified for a 4-layer board in still air.
Airflow increases heat dissipation effectively reducing θJA and θJB.
Table 7. Thermal Resistance
Package
θJA
θJB
θJC
Unit
Conditions
72-Lead LFCSP_VQ
20.7
10.9
1.1
°C/W
EPAD soldered
ESD CAUTION
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Número de pieza similar - AD9122-M5375-EBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9122-EP AD-AD9122-EP Datasheet
232Kb / 12P
   TxDAC Digital-to-Analog Converter
More results

Descripción similar - AD9122-M5375-EBZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9146 AD-AD9146 Datasheet
1Mb / 52P
   Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS54J69 TI1-ADS54J69 Datasheet
3Mb / 75P
[Old version datasheet]   Dual-Channel, 16-Bit, 500-MSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com