Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM2582EBRWZ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADM2582EBRWZ
Descripción Electrónicos  Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM2582EBRWZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM2582EBRWZ Datasheet HTML 4Page - Analog Devices ADM2582EBRWZ Datasheet HTML 5Page - Analog Devices ADM2582EBRWZ Datasheet HTML 6Page - Analog Devices ADM2582EBRWZ Datasheet HTML 7Page - Analog Devices ADM2582EBRWZ Datasheet HTML 8Page - Analog Devices ADM2582EBRWZ Datasheet HTML 9Page - Analog Devices ADM2582EBRWZ Datasheet HTML 10Page - Analog Devices ADM2582EBRWZ Datasheet HTML 11Page - Analog Devices ADM2582EBRWZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADM2582E/ADM2587E
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
20
0
40
60
80
100
120
140
160
180
–40
–15
1035608
TEMPERATURE (°C)
5
NO LOAD
RL = 120Ω
RL = 54Ω
Figure 3. ADM2582E Supply Current (ICC) vs. Temperature
(Data Rate = 16 Mbps, DE = 3.3 V, VCC = 3.3 V)
20
0
40
60
80
100
120
140
–40
–15
10
35
60
85
TEMPERATURE (°C)
RL = 120Ω
RL = 54Ω
NO LOAD
Figure 4. ADM2582E Supply Current (ICC) vs. Temperature
(Data Rate = 16 Mbps, DE = 5 V, VCC = 5 V)
20
0
40
60
80
100
120
140
–40
–15
10
35
60
85
TEMPERATURE (°C)
RL = 120Ω
RL = 54Ω
NO LOAD
Figure 5. ADM2587E Supply Current (ICC) vs. Temperature
(Data Rate = 500 kbps, DE = 5 V, VCC = 5 V)
20
0
40
60
80
100
120
–40
–15
10
35
60
85
TEMPERATURE (°C)
RL = 120Ω
RL = 54Ω
NO LOAD
Figure 6. ADM2587E Supply Current (ICC) vs. Temperature
(Data Rate = 500 kbps, DE = 3.3 V, VCC = 3.3 V)
50
52
54
56
58
60
62
64
66
68
70
72
TEMPERATURE (°C)
tDPHL
tDPLH
–40
–15
10
35
60
85
Figure 7. ADM2582E Differential Driver Propagation Delay vs. Temperature
400
420
440
460
480
500
520
540
560
580
600
TEMPERATURE (°C)
tDPHL
tDPLH
–40
–15
10
35
60
85
Figure 8. ADM2587E Differential Driver Propagation Delay vs. Temperature


Número de pieza similar - ADM2582EBRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM2582EBRWZ AD-ADM2582EBRWZ Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2582EBRWZ-REEL7 AD-ADM2582EBRWZ-REEL7 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
More results

Descripción similar - ADM2582EBRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
   3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
   5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
logo
Texas Instruments
TRS3318 TI-TRS3318_08 Datasheet
382Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
[Old version datasheet]   2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com