Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM3517 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
No. de pieza AM3517
Descripción Electrónicos  ARM Microprocessor
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 56 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 52Page - Texas Instruments AM3517 Datasheet HTML 53Page - Texas Instruments AM3517 Datasheet HTML 54Page - Texas Instruments AM3517 Datasheet HTML 55Page - Texas Instruments AM3517 Datasheet HTML 56Page - Texas Instruments AM3517 Datasheet HTML 57Page - Texas Instruments AM3517 Datasheet HTML 58Page - Texas Instruments AM3517 Datasheet HTML 59Page - Texas Instruments AM3517 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 184 page
background image
2.4.8
System and Miscellaneous Terminals
AM3517/05 ARM Microprocessor
SPRS550 – OCTOBER 2009
www.ti.com
Table 2-23. System and Miscellaneous Signals Description (ZCN Pkg.)
SIGNAL NAME[1]
DESCRIPTION[2]
TYPE[3]
BALL
(ZCN Pkg.) [4]
sys_32k
32-kHz clock input
I
K24
sys_xtalin
Main input clock. Oscillator input or LVCMOS at 19.2, 13, or 12 MHz.
I
K25
sys_xtalout
Output of oscillator
O
H25
sys_altclk
Alternate clock source selectable for GPTIMERs (maximum 54 MHz),
I
L25
USB (48 MHz), or NTSC/PAL (54 MHz)
sys_clkreq
Request from device for system clock (open source type)
IO
M24
sys_clkout1
Configurable output clock1
O
N25
sys_clkout2
Configurable output clock2
O
M25
sys_boot0
Boot configuration mode bit 0
I
Y4
sys_boot1
Boot configuration mode bit 1
I
AA1
sys_boot2
Boot configuration mode bit 2
I
AA2
sys_boot3
Boot configuration mode bit 3
I
AA3
sys_boot4
Boot configuration mode bit 4
I
AB1
sys_boot5
Boot configuration mode bit 5
I
AB2
sys_boot6
Boot configuration mode bit 6
I
AC1
sys_boot7
Boot configuration mode bit 7
I
AC2
sys_boot8
Boot configuration mode bit 8
I
AC3
sys_nrespwron
Power On Reset
I
Y2
sys_nreswarm
Warm Boot Reset (open drain output)
IOD
Y3
sys_nirq
External FIQ input
I
Y1
sys_ndmareq0
External DMA request 0 (system expansion). Level (active low) or edge
I
M3
(falling) selectable.
sys_ndmareq1
External DMA request 1 (system expansion). Level (active low) or edge
I
M2,U1
(falling) selectable.
sys_ndmareq2
External DMA request 2 (system expansion). Level (active low) or edge
I
F1,M1
(falling) selectable.
sys_ndmareq3
External DMA request 3 (system expansion). Level (active low) or edge
I
G6,N5
(falling) selectable.
TERMINAL DESCRIPTION
56
Submit Documentation Feedback


Número de pieza similar - AM3517

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM3517 TI-AM3517 Datasheet
1Mb / 218P
[Old version datasheet]   AM3517/05 ARM Microprocessor
AM3517 TI1-AM3517 Datasheet
1Mb / 223P
[Old version datasheet]   ARM Microprocessors
AM3517 TI1-AM3517 Datasheet
2Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
AM3517AZCN TI1-AM3517AZCN Datasheet
2Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
AM3517AZCNA TI1-AM3517AZCNA Datasheet
2Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
More results

Descripción similar - AM3517

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1806_1005 TI-AM1806_1005 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1707 TI-AM1707 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1802 TI1-AM1802 Datasheet
1Mb / 180P
[Old version datasheet]   AM1802 ARM Microprocessor
AM1705DPTPA3 TI1-AM1705DPTPA3 Datasheet
1Mb / 164P
[Old version datasheet]   AM1705 ARM Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com