Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD75205W1015 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza CSD75205W1015
Descripción Electrónicos  P-Channel NexFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD75205W1015 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD75205W1015 Datasheet HTML 2Page - Texas Instruments CSD75205W1015 Datasheet HTML 3Page - Texas Instruments CSD75205W1015 Datasheet HTML 4Page - Texas Instruments CSD75205W1015 Datasheet HTML 5Page - Texas Instruments CSD75205W1015 Datasheet HTML 6Page - Texas Instruments CSD75205W1015 Datasheet HTML 7Page - Texas Instruments CSD75205W1015 Datasheet HTML 8Page - Texas Instruments CSD75205W1015 Datasheet HTML 9Page - Texas Instruments CSD75205W1015 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
M0157-01
SideView
0.62Max
Pin1
Mark
Pin1
Mark
SeatingPlate
0.50
B
SolderBall
Ø0.31 ±0.075
1
1
2
2
BottomView
TopView
FrontView
A
B
C
A
C
1.00
+0.00
–0.10
CSD75205W1015
SLPS222 – OCTOBER 2009.............................................................................................................................................................................................. www.ti.com
MECHANICAL DATA
CSD75203W1015 Package Dimensions
NOTE: All dimensions are in mm (unless otherwise specified)
Pinout
POSITION
DESIGNATION
B1, B2
Source
C1
Gate1
C2
Drain1
A2
Gate2
A1
Drain2
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated


Número de pieza similar - CSD75205W1015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD75204W15 TI-CSD75204W15 Datasheet
245Kb / 11P
[Old version datasheet]   Dual P-Channel NexFET Power MOSFET
CSD75204W15 TI-CSD75204W15 Datasheet
151Kb / 9P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD75204W15 TI-CSD75204W15_10 Datasheet
151Kb / 9P
[Old version datasheet]   Dual P-Channel NexFET??Power MOSFET
CSD75207W15 TI-CSD75207W15 Datasheet
1Mb / 12P
[Old version datasheet]   Dual P-Channel NexFET Power MOSFET
CSD75208W1015 TI1-CSD75208W1015 Datasheet
766Kb / 12P
[Old version datasheet]   Dual 20V Common Source P-Channel NexFET Power MOSFET
More results

Descripción similar - CSD75205W1015

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD25213W10 TI-CSD25213W10 Datasheet
1Mb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD25302Q2 TI-CSD25302Q2 Datasheet
138Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25211W1015 TI-CSD25211W1015 Datasheet
789Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25301W1015 TI1-CSD25301W1015 Datasheet
484Kb / 11P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD25303W1015 TI1-CSD25303W1015 Datasheet
223Kb / 10P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD22202W15 TI-CSD22202W15 Datasheet
999Kb / 12P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD75301W1015 TI-CSD75301W1015 Datasheet
148Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD23201W10 TI1-CSD23201W10 Datasheet
147Kb / 8P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
CSD23201W10 TI1-CSD23201W10_16 Datasheet
166Kb / 10P
[Old version datasheet]   P-Channel NexFET Power MOSFET
CSD25201W15 TI1-CSD25201W15 Datasheet
323Kb / 9P
[Old version datasheet]   P-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com