Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC7716SRHAT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC7716SRHAT
Descripción Electrónicos  Quad 12-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC7716SRHAT Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC7716SRHAT Datasheet HTML 5Page - Texas Instruments DAC7716SRHAT Datasheet HTML 6Page - Texas Instruments DAC7716SRHAT Datasheet HTML 7Page - Texas Instruments DAC7716SRHAT Datasheet HTML 8Page - Texas Instruments DAC7716SRHAT Datasheet HTML 9Page - Texas Instruments DAC7716SRHAT Datasheet HTML 10Page - Texas Instruments DAC7716SRHAT Datasheet HTML 11Page - Texas Instruments DAC7716SRHAT Datasheet HTML 12Page - Texas Instruments DAC7716SRHAT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
TIMING DIAGRAMS
t
8
CS
SCLK
InputDataRegisterand
DACLatchUpdated
(1)
DACLatchUpdated
SDI
BIT23(MSB)
BIT23(MSB)
BIT22
BIT1
Low
BIT0
LDAC
t
4
t
1
t
2
t
3
t
F
t
R
t
5
t
6
t
7
Case1:Stand-alonemode,
tiedlow
LDAC
.
CS
SCLK
InputDataRegister Updated
butDACLatchisNotUpdated
SDI
BIT22
BIT1
High
BIT0
LDAC
t
1
t
2
t
3
t
F
t
R
t
7
t
9
Case2:Stand-alonemode,
activehigh.
LDAC
t
10
InputWordToWritetheDatatotheSelectedDAC
=Don’tCare
Bit23=MSB
Bit0=LSB
t
5
t
6
t
8
t
4
TIMING CHARACTERISTICS For Figure 1
(1) (2) (3)
DAC7716
www.ti.com ........................................................................................................................................... SBAS463A – AUGUST 2009 – REVISED SEPTEMBER 2009
Figure 1. SPI Timing for Stand-Alone Mode
At TA = –40°C to +105°C, unless otherwise noted.
2.7V
≤ DVDD ≤ 5.5V,
2.7V
≤ DVDD ≤ 3.6V,
3.6V < DVDD ≤ 5.5V,
IOVDD = 1.8V
2.7V
≤ IOVDD ≤ DVDD
2.7V
≤ IOVDD ≤ DVDD
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fSCLK
Clock frequency
30
40
50
MHz
t1
SCLK cycle time
33
25
20
ns
t2
SCLK high time
16
12
10
ns
t3
SCLK low time
16
12
10
ns
t4
CS falling edge to SCLK falling edge(4)
11
9
7
ns
t5
Input data setup time
5
5
5
ns
t6
Input data hold time
5
5
5
ns
t7
SCLK falling edge to CS rising edge
15
12
10
ns
t8
CS high time
60
50
30
ns
t9
CS rising edge to LDAC falling edge
30
25
20
ns
t10
LDAC pulse width
25
20
15
ns
RST pulse width
25
20
15
ns
(1)
Specified by design and characterization.
(2)
Sample tested during the initial release and after any redesign or process changes that may affect these parameters.
(3)
All input signals are specified with tR = tF = 2ns (10% to 90% of IOVDD) and timed from a voltage level of IOVDD/2.
(4)
The first SCLK edge after CS goes low must be a falling edge.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC7716


Número de pieza similar - DAC7716SRHAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI1-DAC7714 Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714U TI-DAC7714U Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714U TI1-DAC7714U Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714U/1K TI-DAC7714U/1K Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC7716SRHAT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC8234 TI-DAC8234 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 14-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734 TI-DAC8734 Datasheet
1Mb / 41P
[Old version datasheet]   Quad 16-Bit High-Accuracy 짹16V Output Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8734_091 TI-DAC8734_091 Datasheet
1Mb / 41P
[Old version datasheet]   Quad, 16-Bit, High-Accuracy, 짹16V Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com