Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MSP430F46161IPZR Datasheet(Hoja de datos) 29 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. MSP430F46161IPZR
Descripción  MIXED SIGNAL MICROCONTROLLER
Descarga  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 29 page
background image
MSP430x461x1, MSP430x461x
MIXED SIGNAL MICROCONTROLLER
29
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
peripheral file map (continued)
PERIPHERALS WITH BYTE ACCESS (CONTINUED)
USCI
USCI I2C Slave Address
UCBI2CSA
011Ah
USCI I2C Own Address
UCBI2COA
0118h
USCI Synchronous Transmit Buffer
UCBTXBUF
06Fh
USCI Synchronous Receive Buffer
UCBRXBUF
06Eh
USCI Synchronous Status
UCBSTAT
06Dh
USCI I2C Interrupt Enable
UCBI2CIE
06Ch
USCI Synchronous Bit Rate 1
UCBBR1
06Bh
USCI Synchronous Bit Rate 0
UCBBR0
06Ah
USCI Synchronous Control 1
UCBCTL1
069h
USCI Synchronous Control 0
UCBCTL0
068h
USCI Transmit Buffer
UCATXBUF
067h
USCI Receive Buffer
UCARXBUF
066h
USCI Status
UCASTAT
065h
USCI Modulation Control
UCAMCTL
064h
USCI Baud Rate 1
UCABR1
063h
USCI Baud Rate 0
UCABR0
062h
USCI Control 1
UCACTL1
061h
USCI Control 0
UCACTL0
060h
USCI IrDA Receive Control
UCAIRRCTL
05Fh
USCI IrDA Transmit Control
UCAIRTCTL
05Eh
USCI LIN Control
UCAABCTL
05Dh
Comparator_A
Comparator_A port disable
CAPD
05Bh
p
_
Comparator_A control 2
CACTL2
05Ah
Comparator_A control 1
CACTL1
059h
BrownOUT, SVS
SVS control register (Reset by brownout signal)
SVSCTL
056h
FLL+Clock
FLL+ Control 1
FLL_CTL1
054h
FLL+ Control 0
FLL_CTL0
053h
System clock frequency control
SCFQCTL
052h
System clock frequency integrator
SCFI1
051h
System clock frequency integrator
SCFI0
050h
RTC (Basic Timer 1)
Real Time Clock Year High Byte
RTCYEARH
04Fh
()
Real Time Clock Year Low Byte
RTCYEARL
04Eh
Real Time Clock Month
RTCMON
04Dh
Real Time Clock Day of Month
RTCDAY
04Ch
Basic Timer1 Counter 2
BTCNT2
047h
Basic Timer1 Counter 1
BTCNT1
046h
Real Time Counter 4
(Real Time Clock Day of Week)
RTCNT4
(RTCDOW)
045h
Real Time Counter 3
(Real Time Clock Hour)
RTCNT3
(RTCHOUR)
044h
Real Time Counter 2
(Real Time Clock Minute)
RTCNT2
(RTCMIN)
043h
Real Time Counter 1
(Real Time Clock Second)
RTCNT1
(RTCSEC)
042h
Real Time Clock Control
RTCCTL
041h
Basic Timer1 Control
BTCTL
040h




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl