Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCA8418YFPR Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TCA8418YFPR
Descripción Electrónicos  I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TCA8418YFPR Datasheet(HTML) 1 Page - Texas Instruments

  TCA8418YFPR Datasheet HTML 1Page - Texas Instruments TCA8418YFPR Datasheet HTML 2Page - Texas Instruments TCA8418YFPR Datasheet HTML 3Page - Texas Instruments TCA8418YFPR Datasheet HTML 4Page - Texas Instruments TCA8418YFPR Datasheet HTML 5Page - Texas Instruments TCA8418YFPR Datasheet HTML 6Page - Texas Instruments TCA8418YFPR Datasheet HTML 7Page - Texas Instruments TCA8418YFPR Datasheet HTML 8Page - Texas Instruments TCA8418YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TCA8418
www.ti.com ......................................................................................................................................................................................... SCPS215 – SEPTEMBER 2009
I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
• Smart Phones
• Operating Power-Supply Voltage Range of
1.65 V to 3.6 V
• PDAs
• GPS Devices
• Supports QWERTY Keypad Operation Plus
GPIO Expansion
• MP3 Players
• Digital Cameras
• 18 GPIOs Can Be Configured into Eight Inputs
and Ten Outputs to Support an 8 × 10 Keypad
Array (80 Buttons)
• ESD Protection Exceeds JESD 22 on all 18
The
TCA8418
is
a
keypad
scan
device
with
GPIO Pins and non GPIO pins
integrated ESD protection. It can operate from 1.65 V
to 3.6 V and has 18 general purpose inputs/outputs
2000-V Human Body Model (A114-A)
(GPIO) that can be used to support up to 80 keys via
1000-V Charged Device Model (C101)
the I2C interface [serial clock (SCL), serial data
• Low Standby (Idle) Current Consumption: 3 µA
(SDA)].
• Polling Current Drain 70 µA for One Key
The
key
controller
includes
an
oscillator
that
Pressed
debounces at 50
µs and maintains a 10 byte FIFO of
• 10 Byte FIFO to Store 10 Key Presses and
key-press and release events which can store up to
10 keys with overflow wrap capability. An interrupt
Releases
(/INT) output can be configured to alert key presses
• Supports 1-MHz Fast Mode Plus I2C Bus
and releases either as they occur, or at maximum
• Open-Drain Active-Low Interrupt Output,
rate. Also, for the YFP package, a CAD_INT pin is
Asserted when Key is Pressed and Key is
included to indicate the detection of CTRL-ALT-DEL
Released
(i.e., 1, 11, 21) key press action.
• Minimum Debounce Time of 50 µs
The major benefit of this device is it frees up the
• Schmitt-Trigger Action Allows Slow Input
processor from having to scan the keypad for presses
and releases. This provides power and bandwidth
Transition and Better Switching Noise
savings. The TCA8418 is also ideal for usage with
Immunity at the SCL and SDA Inputs: Typical
processors that have limited GPIOs.
Vhys at 1.8 V is 0.18 V
• Latch-Up Performance Exceeds 200 mA Per
JESD 78, Class II
• Very Small Packages
WCSP (YFP): 2 mm × 2 mm; 0.4 mm pitch
QFN (RTW): 4 mm × 4 mm; 0.5 mm pitch
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RTW
Tape and reel
TCA8418RTWR
PZ418
–40°C to 85°C
WCSP – YFP
Tape and reel
TCA8418YFPR
PREVIEW
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TCA8418YFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA8418E TI-TCA8418E Datasheet
657Kb / 35P
[Old version datasheet]   I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418EYFPR TI1-TCA8418EYFPR Datasheet
1Mb / 54P
[Old version datasheet]   I2C Controlled Keypad Scan IC
TCA8418EYFPR TI1-TCA8418EYFPR Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
TCA8418E TI1-TCA8418E_15 Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
TCA8418RTWR TI1-TCA8418RTWR Datasheet
1Mb / 54P
[Old version datasheet]   I2C Controlled Keypad Scan IC
More results

Descripción similar - TCA8418YFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCA8418E TI-TCA8418E Datasheet
657Kb / 35P
[Old version datasheet]   I2C CONTROLLED KEYPAD SCAN IC WITH INTEGRATED ESD PROTECTION
TCA8418E TI1-TCA8418E_15 Datasheet
1Mb / 50P
[Old version datasheet]   I2C Controlled Keypad Scan IC With Integrated ESD Protection
TCA8418 TI1-TCA8418_15 Datasheet
1Mb / 54P
[Old version datasheet]   I2C Controlled Keypad Scan IC
logo
Integrated Device Techn...
LDS6023 IDT-LDS6023 Datasheet
344Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6028 IDT-LDS6028 Datasheet
348Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6020 IDT-LDS6020 Datasheet
346Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
LDS6025 IDT-LDS6025 Datasheet
346Kb / 2P
   PureTouch??Capacitance Touch IC with Integrated Keypad LED Drivers
logo
ON Semiconductor
NUF2441FC ONSEMI-NUF2441FC Datasheet
51Kb / 4P
   Integrated Passive Filter with ESD Protection
May, 2005 ??Rev. 4
NUC2401MN ONSEMI-NUC2401MN_10 Datasheet
145Kb / 4P
   Integrated Common Mode Choke with Integrated ESD Protection
January, 2010 ??Rev. 2
NUC2401MN ONSEMI-NUC2401MN Datasheet
175Kb / 4P
   Integrated Common Mode Choke with Integrated ESD Protection
May, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com