Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP302C Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza TMP302C
Descripción Electrónicos  Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP302C Datasheet(HTML) 3 Page - Texas Instruments

  TMP302C Datasheet HTML 1Page - Texas Instruments TMP302C Datasheet HTML 2Page - Texas Instruments TMP302C Datasheet HTML 3Page - Texas Instruments TMP302C Datasheet HTML 4Page - Texas Instruments TMP302C Datasheet HTML 5Page - Texas Instruments TMP302C Datasheet HTML 6Page - Texas Instruments TMP302C Datasheet HTML 7Page - Texas Instruments TMP302C Datasheet HTML 8Page - Texas Instruments TMP302C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TMP302A
, TMP302B
TMP302C
, TMP302D
www.ti.com................................................................................................................................................ SBOS488A – JUNE 2009 – REVISED SEPTEMBER 2009
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +125°C, and VS = +1.4V to +3.6V, unless otherwise noted.
TMP302 (1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE MEASUREMENT
Trip Point Accuracy
TA = +40°C to +125°C
±0.2
±2
°C
vs. Supply
±0.2
±0.5
°C/V
Trip Point Hysteresis
HYSTSET = GND
5
°C
HYSTSET = VS
10
°C
TEMPERATURE TRIP POINT SET
Temperature Trip Point Set
TRIPSET1 = GND, TRIPSET0 = GND
Default
°C
TRIPSET1 = GND, TRIPSET0 = VS
Default + 5
°C
TRIPSET1 = VS, TRIPSET0 = GND
Default + 10
°C
TRIPSET1 = VS, TRIPSET0 = VS
Default + 15
°C
HYSTERESIS SET INPUT
Input Logic Levels:
VIH
0.7 × (VS)
VS
V
VIL
–0.5
0.3 × (VS)
V
Input Current:
IIN
0 < VIN < 3.6V
1
µA
DIGITAL OUTPUT
Output Logic Level:
VOL
VS > 2V, IOL = 3mA
0
0.4
V
VS < 2V, IOL = 3mA
0
0.2 × (VS)
V
POWER SUPPLY
Operating Supply Range
1.4
3.6
V
Quiescent Current
IQ
8
15
µA
VS = 3.3V, TA = +50°C
7
µA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–55
+130
°C
Thermal Resistance
θJA
SOT563
JEDEC Low-K Board
+260
°C/W
(1)
100% of all units are production tested at TA = +25°C. Over temperature specifications are specified by design.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMP302A TMP302B TMP302C TMP302D


Número de pieza similar - TMP302C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP302C TI1-TMP302C Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302CQDRLRQ1 TI1-TMP302CQDRLRQ1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
More results

Descripción similar - TMP302C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com