Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA2018D1YZFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA2018D1YZFR
Descripción Electrónicos  3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA2018D1YZFR Datasheet(HTML) 1 Page - Texas Instruments

  TPA2018D1YZFR Datasheet HTML 1Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 2Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 3Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 4Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2018D1YZFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
FEATURES
DESCRIPTION
SIMPLIFIED APPLICATION DIAGRAM
APPLICATIONS
IN-
IN+
PGND
OUT+
OUT-
ToBattery
SDA
SCL
EN
MasterEnable
TPA2018D1
Digital
BaseBand
Analog
Baseband
or
CODEC
PVDD
10 F
m
C
1 F
(Optional)
IN
m
I CClock
2
I CData
2
TPA2018D1
www.ti.com ................................................................................................................................................................................................ SLOS592 – AUGUST 2009
3-W Mono Class-D Audio Amplifier with SmartGain™ AGC/DRC
23
• Filter-Free Class-D Architecture
The TPA2018D1 is a mono, filter-free Class-D audio
power amplifier with volume control, dynamic range
• 3 W Into 4 Ω at 5 V (10% THD+N)
compression (DRC) and automatic gain control
• 880 mW Into 8 Ω at 3.6 V (10% THD+N)
(AGC). It is available in a 1.63 mm x 1.63 mm WCSP
• Power Supply Range: 2.5 V to 5.5 V
package.
• Flexible Operation With/Without I2C™
The
DRC/AGC
function
in
the
TPA2018D1
is
• Programmable DRC/AGC Parameters
programmable
via
a
digital
I2C
interface.
The
DRC/AGC function can be configured to automatically
• Digital I2C™ Volume Control
prevent distortion of the audio signal and enhance
• Selectable Gain from –28 dB to 30 dB in 1-dB
quiet passages that are normally not heard. The
Steps (when compression is used)
DRC/AGC can also be configured to protect the
• Selectable Attack, Release and Hold Times
speaker from damage at high power levels and
compress the dynamic range of music to fit within the
• 4 Selectable Compression Ratios
dynamic range of the speaker. The gain can be
• Low Supply Current: 1.8 mA
selected from –28 dB to +30 dB in 1-dB steps. The
• Low Shutdown Current: 0.2 µA
TPA2018D1 is capable of driving 3 W at 5 V into 4
Ω load or 880 mW at 3.6 V into 8 Ω load. The device
• High PSRR: 80 dB
features hardware and software shutdown controls
• Fast Start-up Time: 5 ms
and also provides thermal and short-circuit protection.
• AGC Enable/Disable Function
In addition to these features, a fast start-up time and
• Limiter Enable/Disable Function
small package size make the TPA2018D1 an ideal
• Short-Circuit and Thermal Protection
choice for cellular handsets, PDAs and other portable
applications.
• Space-Saving Package
1,63 mm × 1,63 mm Nano-Free™ WCSP
(YZF)
• Wireless or Cellular Handsets and PDAs
• Portable Navigation Devices
• Portable DVD Player
• Notebook PCs
• Portable Radio
• Portable Games
• Educational Toys
• USB Speakers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SmartGain, Nano-Free are trademarks of Texas Instruments.
3
I2C is a trademark of NXP Semiconductors.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPA2018D1YZFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI1-TPA2010D1 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Filter-Free Class-D Audio Power Amplifier
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1YEF TI-TPA2010D1YEF Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA2018D1YZFR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1 Datasheet
1Mb / 35P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com