Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22932BYFPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22932BYFPR
Descripción Electrónicos  LOW INPUT VOLTAGE ULTRA-LOW rON LOAD SWITCH WITH CONFIGURABLE ENABLE LOGIC AND CONTROLLED SLEW-RATE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS22932BYFPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22932BYFPR Datasheet HTML 5Page - Texas Instruments TPS22932BYFPR Datasheet HTML 6Page - Texas Instruments TPS22932BYFPR Datasheet HTML 7Page - Texas Instruments TPS22932BYFPR Datasheet HTML 8Page - Texas Instruments TPS22932BYFPR Datasheet HTML 9Page - Texas Instruments TPS22932BYFPR Datasheet HTML 10Page - Texas Instruments TPS22932BYFPR Datasheet HTML 11Page - Texas Instruments TPS22932BYFPR Datasheet HTML 12Page - Texas Instruments TPS22932BYFPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TPS22932B
www.ti.com
SLVS802A – AUGUST 2009 – REVISED NOVEMBER 2009
SWITCHING CHARACTERISTICS
VIN = 3 V, RL_CHIP = 120 Ω, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL = 0.1 μF
170
tON
Turn-ON time
RL = 500 Ω
CL = 1 μF
190
μs
CL = 3 μF
210
CL = 0.1 μF
2
tOFF
Turn-OFF time
RL = 500 Ω
CL = 1 μF
60
μs
CL = 3 μF
140
CL = 0.1 μF
140
tr
VOUT rise time
RL = 500 Ω
CL = 1 μF
140
μs
CL = 3 μF
150
CL = 0.1 μF
17
tf
VOUT fall time
RL = 500 Ω
CL = 1 μF
148
μs
CL = 3 μF
450
SWITCHING CHARACTERISTICS
VIN = 3.3 V, RL_CHIP = 120 Ω, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL = 0.1 μF
160
tON
Turn-ON time
RL = 500 Ω
CL = 1 μF
175
μs
CL = 3 μF
195
CL = 0.1 μF
20
tOFF
Turn-OFF time
RL = 500 Ω
CL = 1 μF
55
μs
CL = 3 μF
135
CL = 0.1 μF
135
tr
VOUT rise time
RL = 500 Ω
CL = 1 μF
135
μs
CL = 3 μF
145
CL = 0.1 μF
17
tf
VOUT fall time
RL = 500 Ω
CL = 1 μF
148
μs
CL = 3 μF
450
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS22932B


Número de pieza similar - TPS22932BYFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22930 TI1-TPS22930 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22930A TI1-TPS22930A Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22930AYZVR TI-TPS22930AYZVR Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22930AYZVR TI1-TPS22930AYZVR Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results

Descripción similar - TPS22932BYFPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22907 TI-TPS22907 Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
TPS22908 TI1-TPS22908 Datasheet
693Kb / 19P
[Old version datasheet]   Ultra Small, Low-Input Voltage, Low RON Load Switch
TPS22924D TI-TPS22924D Datasheet
921Kb / 18P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW RON LOAD SWITCH
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com