Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51513 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS51513
Descripción Electrónicos  SINGLE PHASE D-CAP SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE APPLICATIONS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS51513 Datasheet(HTML) 5 Page - Texas Instruments

  TPS51513 Datasheet HTML 1Page - Texas Instruments TPS51513 Datasheet HTML 2Page - Texas Instruments TPS51513 Datasheet HTML 3Page - Texas Instruments TPS51513 Datasheet HTML 4Page - Texas Instruments TPS51513 Datasheet HTML 5Page - Texas Instruments TPS51513 Datasheet HTML 6Page - Texas Instruments TPS51513 Datasheet HTML 7Page - Texas Instruments TPS51513 Datasheet HTML 8Page - Texas Instruments TPS51513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TPS51513
www.ti.com ...................................................................................................................................................................................................... SLUS956 – JUNE 2009
ELECTRICAL CHARACTERISTICS (continued)
over recommended free-air temperature range, V5IN = V5FILT = 5.0V, GSNS = PGND = GND, VSNS = VCORE (Unless
otherwise noted).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OVERSHOOT REDUCTION (OSR) THRESHOLD SETTING
VOSRSEL = GND
85
133
VOSRSEL = REF
119
170
VOSR
OSR voltage set
mV
VOSRSEL = 3.3 V
163
220
VOSRSEL = V5FILT; OSR is OFF
N/A
VOSRHYS
OSR voltage hysteresis(2)
All settings
20
mV
TIMERS: SLEW RATE, ISLEW, ON-TIME AND I/O TIMING
ISLEW 1
RSLEW to GND current
RSLEW = 125 kΩ from ISLEW to GND
9.9
10
10.15
µA
ISLEW 2
RSLEW to VREF current
RSLEW = 45 kΩ from VREF to ISLEW
9.5
10
10.8
µA
ISLEW = |10 µA|, No Faults, Time from EN to
tSTARTUP
VSNS startup time
0.6
1.15
ms
VSNS = VVID = 1.0
ISLEW = |10 A|, EN goes ‘HI’ (Soft-start)
SLSTRTSTP
VSNS slew soft-start / soft-stop
1.3
1.6
1.9
mV/
µs
Non-OVP Fault = ‘Soft-stop’
ISLEW = |10 µA|, SLP goes low/high. Measure
SLSLPE
VSNS slew SLP exit
10
12.5
15
mV/
µs
slew on SLP transition.
tPGDPO
PGOOD power-on delay time
Time from PG going low to PGOOD going HI
3
6
9
ms
Time from VSNS out of +200 mV/–300 mV
tPGDDGLT
PGOOD deglitch time
50
100
160
µs
VDAC boundary to PGOOD low.
VTON = GND, VLL=12 V, VSNS=1 V
265
319
385
VTON = REF, VLL=12 V, VSNS=1 V
215
259
295
tON
On-time control
ns
VTON = 3.3 V, VLL=12 V, VSNS=1 V
180
215
250
VTON = 5 V, VLL=12 V, VSNS=1 V
140
160
185
tMIN
Controller minimum off-time
Fixed value
80
105
125
ns
tVIDDBNC
VID debounce time(2)
100
ns
tVCCVID
VID change to VSNS change (2)
600
ns
tVRONPGD
EN low to PGOOD low
100
ns
tPGDVCC
PGOOD low to VSNS change(2)
100
ns
PROTECTION: OVP, PGOOD, FAULTS OFF AND INTERNAL THERMAL SHUTDOWN
Internal high OVP threshold
VVOVPH
VSNS > VOVPH for 500 ns, DRVL turns ON
1.50
1.55
1.60
V
voltage
Measured at the VSNS pin wrt/VID code. device
VPGDH
PGOOD high threshold
183
215
247
mV
latches OFF, begins soft-stop.
Measured at the VSNS pin wrt/VID code. device
VPGDL
PGOOD low threshold
–358
–315
–275
mV
latches off, begins soft-stop.
Internal controller thermal
Not final tested. Latch off controller, attempt
THINT
160
°C
shutdown(2)
soft-stop.
Not final tested. Controller will start again after
THHYS
Thermal shutdown hysteresis(2)
10
°C
temperature has dropped.
(2)
Ensured by design. Not production tested.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS51513


Número de pieza similar - TPS51513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51513 TI1-TPS51513 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
TPS51513RHBR TI1-TPS51513RHBR Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
TPS51513RHBT TI1-TPS51513RHBT Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
TPS51513 TI-TPS51513_15 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP??SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE??APPLICATIONS
TPS51513 TI1-TPS51513_16 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
More results

Descripción similar - TPS51513

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51513 TI-TPS51513_15 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP??SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE??APPLICATIONS
TPS51513 TI1-TPS51513_16 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
TPS40131 TI-TPS40131 Datasheet
1Mb / 46P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132_15 Datasheet
1Mb / 42P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40132 TI-TPS40132 Datasheet
1Mb / 40P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40131 TI-TPS40131_15 Datasheet
1Mb / 41P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130DBTR TI1-TPS40130DBTR Datasheet
1Mb / 39P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
TPS40130 TI-TPS40130 Datasheet
748Kb / 10P
[Old version datasheet]   TWO-PHASE, SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED MOSFET DRIVERS
logo
ON Semiconductor
NCP5378 ONSEMI-NCP5378 Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
NCP5378MNR2G ONSEMI-NCP5378MNR2G Datasheet
208Kb / 18P
   Single Phase Synchronous Buck Controller with Integrated Gate Drivers and Programmable DAC
October, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com