Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3655 Datasheet(PDF) 3 Page - Unisonic Technologies

No. de pieza UC3655
Descripción Electrónicos  500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3655 Datasheet(HTML) 3 Page - Unisonic Technologies

  UC3655 Datasheet HTML 1Page - Unisonic Technologies UC3655 Datasheet HTML 2Page - Unisonic Technologies UC3655 Datasheet HTML 3Page - Unisonic Technologies UC3655 Datasheet HTML 4Page - Unisonic Technologies UC3655 Datasheet HTML 5Page - Unisonic Technologies UC3655 Datasheet HTML 6Page - Unisonic Technologies UC3655 Datasheet HTML 7Page - Unisonic Technologies UC3655 Datasheet HTML 8Page - Unisonic Technologies UC3655 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UC3655
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-280..a
BLOCK DIAGRAM
U.V.L.O.
Vref
with
Soft
Start,
CE
PWM/PFM
Selector
Error
Amp.
Phase Compensation
U.V.L.O Comp.
Logic
Buffer
Driver
Current Limit & Feedback
Ramp Wave
Generator,
OSC
CE/MODE
Control Logic
P ch
Driver
Tr.
N ch
SW
Tr.
PWM
Com-
parator
LX
CE/
MODE
VSS
VOUT
VIN


Número de pieza similar - UC3655

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UC3655 UTC-UC3655 Datasheet
301Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655G-12-AF5-G UTC-UC3655G-12-AF5-G Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655G-12-AF5-L UTC-UC3655G-12-AF5-L Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
More results

Descripción similar - UC3655

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
   500mA Synchronous Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3655 UTC-UC3655_10 Datasheet
301Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XD9263 TOREX-XD9263 Datasheet
1Mb / 28P
   18V Operation 500mA Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX8640Y MAXIM-MAX8640Y Datasheet
310Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 7/07
MAX8640Y MAXIM-MAX8640Y_09 Datasheet
458Kb / 12P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 4; 2/09
MAX8640Y_0710 MAXIM-MAX8640Y_0710 Datasheet
308Kb / 11P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
Rev 2; 10/07
MAX8640Y MAXIM-MAX8640Y_V01 Datasheet
548Kb / 13P
   Tiny 500mA, 4MHz/2MHz Synchronous Step-Down DC-DC Converters
2014
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com