Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLA7066M Datasheet(PDF) 2 Page - Sanken electric

No. de pieza SLA7066M
Descripción Electrónicos  2-Phase Unipolar Stepper Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7066M Datasheet(HTML) 2 Page - Sanken electric

  SLA7066M Datasheet HTML 1Page - Sanken electric SLA7066M Datasheet HTML 2Page - Sanken electric SLA7066M Datasheet HTML 3Page - Sanken electric SLA7066M Datasheet HTML 4Page - Sanken electric SLA7066M Datasheet HTML 5Page - Sanken electric SLA7066M Datasheet HTML 6Page - Sanken electric SLA7066M Datasheet HTML 7Page - Sanken electric SLA7066M Datasheet HTML 8Page - Sanken electric SLA7066M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2-Phase Unipolar Stepper Motor Driver
SLA7060M/61M/62M/65M/66M/67M
October 2005
.
Sanken Electric Co.,Ltd.
I03-003EA-051006
Scope
The present specifications shall apply to a micro-stepping capable 2-phase unipolar stepper
motor
driver IC, SLA706xM Series.
The present specifications shall apply to SLA706xM Series which is performed RoHS
instructions.
Lead part solder:Pb free
Inner solder:Lead content >85%
Outline
Type
Hybrid integrated circuit
Structure
Plastic molded (transfer mold)
Applications
To drive a 2-phase stepper motor.
(Micro-Stepping Capable. PWM Constant-Current Control.)
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Remarks
Load Supply Voltage
VM
46
V
Main Power Supply Voltage
VBB
46
V
Logic Supply Voltage
VDD
7
V
1.0
SLA7060M,SLA7065M
2.0
SLA7061M,SLA7066M
Output Current
IO※
3.0
A
SLA7062M,SLA7067M
Logic Input Voltage
VIN
-
0.3~VDD+0.3
V
REF Input Voltage
VREF
-
0.3~VDD+0.3
V
Sense Voltage
VRS
±
2
V
Tw<1μS
doesn't
contain it.
3.5
W
at Ta=25℃
Power Dissipation
PD
16
W
at TC=25℃
Junction Temperature
Tj
150
°C
Operating Temperature
Range
Ta
-
20~85
°C
Storage Temperature Range
Tstg
-
30~150
°C
Output current rating may be limited by duty cycle, ambient temperature, and heat
sinking.
Under any set of conditions, do not exceed the specified junction temperature(Tj).
2/18


Número de pieza similar - SLA7066M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
SLA7060M ALLEGRO-SLA7060M Datasheet
398Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7060M ALLEGRO-SLA7060M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7060M ALLEGRO-SLA7060M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7060MLF210 ALLEGRO-SLA7060MLF210 Datasheet
398Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
SLA7061M ALLEGRO-SLA7061M Datasheet
403Kb / 16P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/DRIVERS
More results

Descripción similar - SLA7066M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com