Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TA1343 Datasheet(PDF) 11 Page - Toshiba Semiconductor |
|
TA1343 Datasheet(HTML) 11 Page - Toshiba Semiconductor |
11 / 26 page TA1343N 2002-02-12 11 AC Characteristics (VCC ==== 9 V, Ta ==== 25°C) Characteristics Symbol Test Circuit Test Condition Min Typ. Max Unit Go L ¾ Go R ¾ 0.0 2.0 4.0 GoAtt L ¾ GoAtt R ¾ -7.0 -5.0 -3.0 GoBst L ¾ GoBst R ¾ 11.0 13.0 15.0 Gain Go W ¾ (Note 1) 16.0 19.0 22.0 dB THD L ¾ THD R ¾ 0.03 THD THD W ¾ (Note 2) ¾ 0.25 1.0 % SN L ¾ SN R ¾ 70 74 S/N SN W ¾ (Note 3) 68 72 ¾ dB vNO L ¾ vNO R ¾ Residual noise vNO W ¾ (Note 4) ¾ 20 50 µVrms Go100 L ¾ Frequency response (100 Hz) Go100 R ¾ (Note 5) -2.0 0.0 2.0 dB Go10k L ¾ Go10k R ¾ -2.0 0.0 2.0 Frequency response (10 kHz) Go10k S ¾ (Note 6) -13.0 -11.0 -8.0 dB GLPF100 ¾ 4.0 6.0 8.0 GLPF125 ¾ 5.5 7.5 9.5 GLPF170 ¾ 4.0 6.0 8.0 LPF frequency response GLPF210 ¾ (Note 7) 1.0 8.0 15.0 dB Surround sound gain G S ¾ (Note 8) 1.5 3.5 5.5 dB Surround sound phase Ph 4 f ¾ (Note 9) -65 -110 -65 deg. Balance center DGLR ¾ (Note 10) -2.0 0.0 2.0 dB GBLMIN L ¾ Balance minimum GBLMIN R ¾ (Note 11) ¾ -70 -60 dB GBSMAX L ¾ Bass maximum GBSMAX R ¾ (Note 12) 9 12 14 dB GBSMIN L ¾ Bass minimum GBSMIN R ¾ (Note 13) -14 -12 -9 dB GTRMAX L ¾ Treble maximum GTRMAX R ¾ (Note 14) 9 12 14 dB GTRMIN L ¾ Treble minimum GTRMIN R ¾ (Note 15) -14 -12 -9 dB GVLCNT L ¾ GVLCNT R ¾ Volume center GVLCNT W ¾ (Note 16) -17 -15 -12 dB |
Número de pieza similar - TA1343 |
|
Descripción similar - TA1343 |