Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM8136A Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

No. de pieza SM8136A
Descripción Electrónicos  White LED Driver IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8136A Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8136A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8136A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SM8136A
SEIKO NPC CORPORATION —5
FUNCTIONAL DESCRIPTION
LED Drive Current Setting
The SM8136A LED drive current can be set using the EN pin. The EN input is used to enable/disable circuit
operation. It also is used by a built-in counter that counts the number of input pulses in order to set the LED
current value. The built-in counter is a 4-bit counter for 16-step adjustment (DATA = 1 to 16). On the 16th
pulse (DATA = 16), the LED current drive circuit shuts down and LED current is zero. On the 17th pulse
(DATA = 1), the current returns to the maximum value. As the initial pulse (DATA = 1) sets the current to the
maximum value, the device can also be used in applications that do not support pulsed input.
EN Input Signal and LED Current Setting (Initialization)
On the first rising edge of EN, the internal startup signal goes HIGH and LED current will start to flow after the
soft start time has elapsed. As the LED current setting is adjusted by counting the number of input pulses on
EN, the EN input voltage must be switched HIGH
→ LOW → HIGH repeatedly to set the current to a lower
value. After the desired value is achieved, the EN input voltage is held HIGH to maintain the LED current set-
ting. If the EN input goes LOW, the LED current does not flow. The EN data input circuit operates even though
the LED current does not flow during the soft start interval, but as long as the current value is set during the soft
start interval the LED drive circuits will start to drive the LEDs with that constant current setting. However,
note that the setting is valid only after the power-ON reset when the VIN supply is applied. Accordingly, allow
1ms or more after connecting the VIN supply before setting the current value using the EN input.
I
LED current setting is determined by the number of EN input signal rising edges. Furthermore, no LED cur-
rent flows until the soft start time has elapsed.
Table 1. EN input pulse count and LED current setting values
DATA
123456789
10
11
12
13
14
15
16
EN
pulse
count
123456789
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
ILED
[mA]
20.00
18.7
17.3
16.0
14.7
13.3
12.0
10.7
9.3
8.0
6.7
5.3
4.0
2.7
1.3
0
EN input signal and LED current setting
EN input
signal
ILED1-3
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8


Número de pieza similar - SM8136A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
   White LED Driver IC
SM8131B NPC-SM8131B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8131B00B NPC-SM8131B00B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
More results

Descripción similar - SM8136A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com