Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5V40501DCG8 Datasheet(PDF) 8 Page - Integrated Device Technology

No. de pieza 5V40501DCG8
Descripción Electrónicos  LOCO??PLL CLOCK MULTIPLIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

5V40501DCG8 Datasheet(HTML) 8 Page - Integrated Device Technology

  5V40501DCG8 Datasheet HTML 1Page - Integrated Device Technology 5V40501DCG8 Datasheet HTML 2Page - Integrated Device Technology 5V40501DCG8 Datasheet HTML 3Page - Integrated Device Technology 5V40501DCG8 Datasheet HTML 4Page - Integrated Device Technology 5V40501DCG8 Datasheet HTML 5Page - Integrated Device Technology 5V40501DCG8 Datasheet HTML 6Page - Integrated Device Technology 5V40501DCG8 Datasheet HTML 7Page - Integrated Device Technology 5V40501DCG8 Datasheet HTML 8Page - Integrated Device Technology 5V40501DCG8 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IDT5V40501
LOCO™ PLL CLOCK MULTIPLIER
CLOCK MULTIPLIER
IDT™ LOCO™ PLL CLOCK MULTIPLIER
8
IDT5V40501
REV C 102808
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts ordered with a “G” after the two-letter package code are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility
for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses
are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range,
high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to
change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical
instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
5V40501DCG
see page 6
Tubes
8-pin SOIC
0 to +70
° C
5V40501DCG8
Tape and Reel
8-pin SOIC
0 to +70
° C
5V40501DCGI
Tubes
8-pin SOIC
-40 to +85
° C
5V40501DCGI8
Tape and Reel
8-pin SOIC
-40 to +85
° C
5V40501DVG
Tubes
8-pin MSOP
0 to +70
° C
5V40501DVG8
Tape and Reel
8-pin MSOP
0 to +70
° C
5V40501DVGI
Tubes
8-pin MSOP
-40 to +85
° C
5V40501DVGI8
Tape and Reel
8-pin MSOP
-40 to +85
° C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.33
0.51
.013
.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.25
0.50
.010
.020
L
0.40
1.27
.016
.050
α
0
°
8
°
0
°
8
°


Número de pieza similar - 5V40501DCG8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
5V40501DCG8 RENESAS-5V40501DCG8 Datasheet
368Kb / 10P
   LOCO™ PLL CLOCK MULTIPLIER
102808
More results

Descripción similar - 5V40501DCG8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ICS501MILFT IDT-ICS501MILFT Datasheet
101Kb / 9P
   LOCO PLL CLOCK MULTIPLIER
501MLF IDT-501MLF Datasheet
101Kb / 9P
   LOCO??PLL CLOCK MULTIPLIER
512MILFT IDT-512MILFT Datasheet
186Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS501B ICST-ICS501B Datasheet
113Kb / 6P
   LOCO PLL CLOCK MULTIPLIER
logo
Integrated Device Techn...
ICS501B IDT-ICS501B_10 Datasheet
180Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
501MILF IDT-501MILF Datasheet
101Kb / 9P
   LOCO??PLL CLOCK MULTIPLIER
ICS501B IDT-ICS501B Datasheet
169Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
511MLF IDT-511MLF Datasheet
228Kb / 11P
   LOCO??PLL CLOCK MULTIPLIER
502MLF IDT-502MLF Datasheet
182Kb / 7P
   LOCO??PLL CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS511 ICST-ICS511 Datasheet
48Kb / 4P
   LOCO??PLL Clock Multiplier
logo
Integrated Device Techn...
ICS511 IDT-ICS511 Datasheet
150Kb / 11P
   LOCO PLL CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com