Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP220RPFE Datasheet(PDF) 7 Page - Maxwell Technologies

No. de pieza OP220RPFE
Descripción Electrónicos  Dual Micropower Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXWELL [Maxwell Technologies]
Página de inicio  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

OP220RPFE Datasheet(HTML) 7 Page - Maxwell Technologies

  OP220RPFE Datasheet HTML 1Page - Maxwell Technologies OP220RPFE Datasheet HTML 2Page - Maxwell Technologies OP220RPFE Datasheet HTML 3Page - Maxwell Technologies OP220RPFE Datasheet HTML 4Page - Maxwell Technologies OP220RPFE Datasheet HTML 5Page - Maxwell Technologies OP220RPFE Datasheet HTML 6Page - Maxwell Technologies OP220RPFE Datasheet HTML 7Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
OP220
7
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
Dual Micropower Operational Amplifier
08.15.02 REV 3
Product Ordering Options
Model Number
Feature
Option Details
OP220
RP
F
X
Screening Flow
Package
Radiation Feature
Base Product
Nomenclature
Monolithic
S = Maxwell Class S
B = Maxwell Class B
I = Industrial (testing @ -55°C,
+25°C, +125°C)
E = Engineering (testing @ +25°C)
F = Flat Pack
RP = RAD-PAK® package
Low-Power Quad Operational
Amplifier


Número de pieza similar - OP220RPFE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220 AD-OP220 Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
OP220A AD-OP220A Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220AJ AD-OP220AJ Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220AZ AD-OP220AZ Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
More results

Descripción similar - OP220RPFE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP220 AD-OP220 Datasheet
434Kb / 8P
   Dual Micropower Operational Amplifier
OP220 AD-OP220_02 Datasheet
368Kb / 12P
   Dual Micropower Operational Amplifier
REV. A
OP-220 AD-OP-220 Datasheet
434Kb / 8P
   DUAL MICROPOWER OPERATIONAL AMPLIFIER
OP220 AD-OP220_15 Datasheet
1Mb / 12P
   Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com