Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL36111DRZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL36111DRZ-T7
Descripción Electrónicos  11.1Gb/s Lane Extender
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL36111DRZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL36111DRZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL36111DRZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL36111DRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL36111DRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL36111DRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL36111DRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL36111DRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL36111DRZ-T7 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN6974.0
November 19, 2009
Output Transition Time
tr, tf
20% to 80%
32
ps
13
Propagation Delay
From IN to OUT
500
ps
NOTES:
6. The input pins IN[P,N] are DC biased to VDD. The specified cable input amplitude range is established by characterization and
not production tested, and is valid so long as the voltages at the input pins IN[P,N] do not violate the voltage ranges specified
in “Absolute Maximum Ratings” on page 3.
7. Maximum Reflection Coefficient given by equation SDDXX(dB) = -12 + 2*√(f), with f in GHz. Established by characterization
and not production tested.
8. Maximum Reflection Coefficient given by equation SDDXX(dB) = -6.3 + 13Log10(f/5.5), with f in GHz. Established by
characterization and not production tested.
9. Reflection Coefficient given by equation SCCXX(dB) < -7 + 1.6*f, with f in GHz. Established by characterization and not
production tested.
10. Limits established by characterization and are not production tested.
11. Output residual jitter is the difference between the total jitter at the lane extender output and the total jitter of the transmitted
signal (as measured at the input to the channel). Total jitter (TJ) is DJpp + 14.1 x RJRMS
12. Measured using a PRBS 215-1 pattern. Deterministic jitter at the input to the lane extender is due to frequency-dependent,
media-induced loss only.
13. Rise and fall times measured using a 2GHz clock with a 20ps edge rate.
Electrical Specifications VDD = 1.2V, TA = +25°C, and VIN = 600mVP-P, unless otherwise noted. (Continued)
PARAMETERS
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
Typical Performance Characteristics
Performance is measured using the test setup illustrated in Figure 2. The signal from the pattern generator is launched
into the twin-ax cable using an SMA adapter card. The chip evaluation board is connected to the output of the cable
through another adapter card. The ISL36111 output signal is then visualized on a scope to determine signal integrity
parameters such as jitter.
FIGURE 2. DEVICE CHARACTERIZATION SET UP
FIGURE 3. ISL36111 10.3125Gb/s OUTPUT FOR A 10M 28AWG CABLE
Pattern
Generator
SMA
Adapter
Card
100O Twin-Axial
Cable
SMA
Adapter
Card
ISL36111 Eval
Board
Oscilloscope
Ω
ISL36111


Número de pieza similar - ISL36111DRZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL36111DRZ-T7 RENESAS-ISL36111DRZ-T7 Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
More results

Descripción similar - ISL36111DRZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
QLX111GRX RENESAS-QLX111GRX Datasheet
590Kb / 10P
   11.1Gb/s Lane Extender
logo
Intersil Corporation
QLX111GRX INTERSIL-QLX111GRX Datasheet
467Kb / 10P
   11.1Gb/s Lane Extender
QLX4600-SL30 INTERSIL-QLX4600-SL30 Datasheet
1,011Kb / 23P
   Quad Lane Extender
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
Intersil Corporation
QLX4300-S45 INTERSIL-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
   Quad Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com