Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL32173EIVZ Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL32173EIVZ
Descripción Electrónicos  QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32173EIVZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL32173EIVZ Datasheet HTML 3Page - Intersil Corporation ISL32173EIVZ Datasheet HTML 4Page - Intersil Corporation ISL32173EIVZ Datasheet HTML 5Page - Intersil Corporation ISL32173EIVZ Datasheet HTML 6Page - Intersil Corporation ISL32173EIVZ Datasheet HTML 7Page - Intersil Corporation ISL32173EIVZ Datasheet HTML 8Page - Intersil Corporation ISL32173EIVZ Datasheet HTML 9Page - Intersil Corporation ISL32173EIVZ Datasheet HTML 10Page - Intersil Corporation ISL32173EIVZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
FN7529.0
November 19, 2009
Absolute Maximum Ratings
Thermal Information
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
VL to GND (Note 4) . . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
Input Voltages
EN (All varieties) . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
A, B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -9V to +13V
Output Voltages
RO (Note 5). . . . . . . . . . . . . . . . . -0.5V to (VCC + 0.3V)
RO (Note 4). . . . . . . . . . . . . . . . . . . -0.5V to (VL + 0.3V)
Short Circuit Duration
RO (One output at a time) . . . . . . . . . . . . . . . Indefinite
ESD Rating . . . . . . . . . See “Electrical Specifications” Table
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
16 Ld SOIC Package (Notes 6, 9). .
78
30
16 Ld TSSOP Package (Notes 6, 9)
104
25
24 Ld QFN Package (Notes 7, 8) . .
42
5
Maximum Junction Temperature (Plastic Package) . . +150°C
Maximum Storage Temperature Range . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Supply Voltages
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 5.5V
VL (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . 1.6V to VCC
Temperature Range
ISL32X7XEI . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
ISL32X7XEF . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
Bus Pin Common Mode Voltage Range . . . . . . -7V to +12V
RO Output Current . . . . . . . . . . . . . . . . . . . -9mA to +9mA
RO Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . ≤6pF
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. ISL32177E and ISL32277E only.
5. Excluding the ISL32177E and ISL32277E.
6. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
7. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379 for details.
8. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
9. For θJC, the “case temp” location is taken at the package top center.
Electrical Specifications Test Conditions: VCC = 3.0V to 5.5V; VL = VCC (ISL32177E and ISL32277E only); Typicals are at
the worst case of VCC = 3.3V or VCC = 5V, TA = +25°C; Unless Otherwise Specified. Boldface
limits apply over the operating temperature range. (Notes 10, 14)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 13)
TYP
MAX
(Note 13) UNITS
DC CHARACTERISTICS
Input High Voltage
(Logic Pins,
Note 17)
VIH1
VL = VCC if ISL32177E or
ISL32277E
VCC ≤3.6V
Full
2
--
V
VIH2
VCC ≤ 5.5V
Full
2.2
--
V
VIH3
2.7V ≤ VL < 3.0V (ISL32177E and
ISL32277E Only)
Full
2
--
V
VIH4
2.3V ≤ VL < 2.7V (ISL32177E and
ISL32277E Only)
Full
1.6
--
V
VIH5
1.6V ≤ VL < 2.3V (ISL32177E and
ISL32277E Only)
Full
0.72*VL
--
V
VIH6
1.4V ≤ VL < 1.6V (ISL32177E and
ISL32277E Only)
25
-
0.4*VL
-V
Input Low Voltage
(Logic Pins,
Note 17)
VIL1
VL = VCC if ISL32177E and ISL32277E
Full
-
-
0.8
V
VIL2
VL ≥ 2.7V (ISL32177E and ISL32277E Only) Full
-
-
0.6
V
VIL3
2.3V ≤ VL < 2.7V (ISL32177E and
ISL32277E Only)
Full
-
-
0.6
V
VIL4
1.6V ≤ VL < 2.3V (ISL32177E and
ISL32277E Only)
Full
-
-
0.22*VL
V
VIL5
1.4V ≤ VL < 1.6V (ISL32177E and
ISL32277E Only)
25
0.35*
VL
-V
ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E, ISL32277E


Número de pieza similar - ISL32173EIVZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL32173EIVZ RENESAS-ISL32173EIVZ Datasheet
1Mb / 21P
   Telecom equipment
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
More results

Descripción similar - ISL32173EIVZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com