Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT3224 Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza CAT3224
Descripción Electrónicos  4 Amp Supercapacitor Flash LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT3224 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT3224 Datasheet HTML 5Page - ON Semiconductor CAT3224 Datasheet HTML 6Page - ON Semiconductor CAT3224 Datasheet HTML 7Page - ON Semiconductor CAT3224 Datasheet HTML 8Page - ON Semiconductor CAT3224 Datasheet HTML 9Page - ON Semiconductor CAT3224 Datasheet HTML 10Page - ON Semiconductor CAT3224 Datasheet HTML 11Page - ON Semiconductor CAT3224 Datasheet HTML 12Page - ON Semiconductor CAT3224 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CAT3224
http://onsemi.com
10
Basic Operation
The CAT3224 integrates in a single device two main
functions: a dual cell supercapacitor charger and an LED
driver. Two LED channels provide accurately regulated and
matched current up to 2 A per channel. The charging mode
is activated when the CHRG control input is pulled high and
can remain active even during torch or flash mode. This
allows continuous torch mode operation. The two modes,
torch and flash, are activated using separate control inputs
repectively TORCH and FLASH.
Charge Mode
When the CHRG input is set high, the driver is in charge
mode and the input supply current cannot exceed the current
limit set by an external resistor connected between the RC
pin and ground. The charging current limit is calculated by
the following equation (approximation).
IIN [ 400 IRC + 400
VRC
RC
+ 400
0.6 V
RC
If the CAP output voltage is lower than the charge
threshold, the charging cycle starts. The driver charge pump
initially starts in 1x mode and remains there as long as the
supply voltage VIN is high enough to drive the CAP output
voltage directly. In 1x mode, the output current charging the
supercapacitor is approximately equal to the input current.
The driver enters the 2x charge pump mode when the CAP
pin voltage approaches VIN (VCAP ≈ VIN – 0.3 V). In 2x
mode, the output current is approximately half of the input
current. The charge cycle stops when either the CHRG input
is pulled low or when the CAP output reaches the “CAP
charge off voltage” threshold. As soon as the CAP output
reaches the “CAP voltage FLAG pulled low” threshold, the
FLAG output is pulled low. There is an hysteresis on the
FLAG output which is illustrated in the timing diagram on
Figure 2.
The charge time is a function of the input voltage, input
current setting, supercapacitor value, final CAP voltage.
The RC pin has a current limit of 3.5 mA typical. If the RC
pin is shorted to ground, the maximum charge current is 400
x 3.5 mA or 1.4 A.
Torch Mode
The torch mode allows the LEDs to run for extended time
duration but at a lower current than in the flash mode. When
the TORCH input is set high, the driver is in torch mode and
the LED channel current is set according to the external
resistor connected between the RT pin and ground. The torch
mode LED current per channel follows the equation:
ITORCH [ 120 IRT + 120
VRT
RT
+ 120
0.6 V
RT
How long the LED current is regulated depends on the
initial CAP voltage, capacitor value, the charge current,
LED forward voltage and the LED torch current setting. In
order to maintain regulation in 2x mode, the torch output
current should be less than half the charging current. If the
requested torch current is greater than half the input current,
the LEDs will dim progressively according to the input
current.
Flash Mode
When the FLASH input is set high, the driver is in flash
mode and the LED channel current is set according to the
external resistor connected between the RF pin and ground.
The flash mode LED channel current can be calculated by
the following equation (approximation).
IFLASH [ 900 IRF + 900
VRF
RF
+ 900
0.6 V
RF
Table 7 shows some standard resistor values for RF and the
corresponding LED channel current.
Table 7. RSET Resistor Settings
LED Current per Channel [A]
RF [W]
1
549
1.5
360
2
261
The maximum flash duration where the LED current is
regulated depends on the initial CAP voltage, capacitor
value, LED forward voltage and the LED flash current
setting. The flash pulse duration can be calculated as
follows.
TFLASH + C
DVCAP
IFLASH
where C is the total supercapacitor value,
ΔVCAP is the drop
in the CAP voltage during the flash. See the Capacitor
Selection section for more details.
The RF pin has a current limit of 3.5 mA typical. If the RF
pin is shorted to ground, the maximum flash LED current is
1000 x 3.5 mA or 3.5 A.
During flash mode, the LEDs stay in regulation as long as
their forward voltage does not exceed a maximum voltage
calculated as follows:
VFmax + VCAP * IOUT
RCAP−ESR ) RLEDAB
where IOUT is the CAP total output current, RCAP−ESR is the
supercapacitor ESR (equivalent series resistance), and
RLEDAB is the LEDA/B combined dropout resistance of the
CAT3224.
The transient waveform in Figure 19 shows the CAP
output voltage during a 4 A flash pulse (2 A per LED
channel) with CHRG low (not in charge mode). The initial
drop on the CAP voltage (Vesr) is due to the supercapacitor
ESR. In this example, it is calculated as follows.
Vesr + 2
ILED RCAP−ESR + 2x 2A 0.1 W + 0.4 V


Número de pieza similar - CAT3224

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT3224HV3-GT2 ONSEMI-CAT3224HV3-GT2 Datasheet
289Kb / 14P
   4 Amp Supercapacitor Flash LED Driver
More results

Descripción similar - CAT3224

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT3224HV3-GT2 ONSEMI-CAT3224HV3-GT2 Datasheet
289Kb / 14P
   4 Amp Supercapacitor Flash LED Driver
logo
Exar Corporation
XRP6840 EXAR-XRP6840 Datasheet
664Kb / 17P
   4.3A Supercapacitor Flash LED Driver with I2C
logo
Integrated Silicon Solu...
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
   FLASH LED DRIVER
IS31BL3231-DLS2 ISSI-IS31BL3231-DLS2 Datasheet
389Kb / 13P
   FLASH LED DRIVER
IS31BL3231 ISSI-IS31BL3231 Datasheet
444Kb / 9P
   FLASH LED DRIVER
IS31BL3232-DLS2 ISSI-IS31BL3232-DLS2 Datasheet
404Kb / 11P
   FLASH LED DRIVER
logo
List of Unclassifed Man...
AMC7123 ETC1-AMC7123 Datasheet
104Kb / 1P
   Flash Light LED Driver
logo
NXP Semiconductors
AN10712 PHILIPS-AN10712_15 Datasheet
219Kb / 14P
   Photo flash LED driver
Rev. 1-28 October 2011
logo
ADDtek Corp
AMC7123 ADDTEK-AMC7123 Datasheet
97Kb / 8P
   FLASH LIGHT LED DRIVER
JULY 2006
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com