Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2594DADJR2G Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza LM2594DADJR2G
Descripción Electrónicos  0.5 A, Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2594DADJR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LM2594DADJR2G Datasheet HTML 6Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 7Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 8Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 9Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 10Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 11Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 12Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 13Page - ON Semiconductor LM2594DADJR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LM2594
http://onsemi.com
10
PROCEDURE (ADJUSTABLE OUTPUT VERSION: LM2594) (CONTINUED)
Procedure
Example
4. Inductor Selection (L1)
A. Use the following formula to calculate the inductor Volt x
microsecond [V x ms] constant:
B. Match the calculated E x T value with the corresponding
number on the vertical axis of the Inductor Value Selection
Guide shown in Figure 19. This E x T constant is a
measure of the energy handling capability of an inductor and
is dependent upon the type of core, the core area, the
number of turns, and the duty cycle.
C. Next step is to identify the inductance region intersected by
the E x T value and the maximum load current value on the
horizontal axis shown in Figure 19.
D. Select an appropriate inductor from Table 3.
The inductor chosen must be rated for a switching
frequency of 150 kHz and for a current rating of 1.15 x ILoad.
The inductor current rating can also be determined by
calculating the inductor peak current:
where ton is the “on” time of the power switch and
E
T + VIN * VOUT * VSAT
VOUT ) VD
VIN * VSAT ) VD
1000
150 kHz
V
ms
Ip(max) + ILoad(max) )
Vin *Vout ton
2L
ton +
Vout
Vin
x 1.0
fosc
4. Inductor Selection (L1)
A. Calculate E x T [V x ms] constant:
B. E x T = 19.2 [V x ms]
C. ILoad(max) = 0.5 A
Inductance Region = L20
D. Proper inductor value = 100 mH
Choose the inductor from Table 3.
E
T + 12 * 5 * 1.0
5 ) 0.5
12 * 1 ) 0.5
1000
150 kHz
V
ms
E
T + 6
5.5
11.5
6.7 V
ms
5. Output Capacitor Selection (Cout)
A. Since the LM2594 is a forward−mode switching regulator
with voltage mode control, its open loop has 2−pole−1−zero
frequency characteristic. The loop stability is determined by
the output capacitor (capacitance, ESR) and inductance
values.
For stable operation use recommended values of the output
capacitors in Table 1.
Low ESR electrolytic capacitors between 180 mF and
1000 mF provide best results.
B. The capacitors voltage rating should be at least 1.5 times
greater than the output voltage, and often much higher
voltage rating is needed to satisfy low ESR requirement
5. Output Capacitor Selection (Cout)
A. In this example is recommended Nichicon PM
capacitors: 220 mF/25 V
6. Feedforward Capacitor (CFF)
It provides additional stability mainly for higher input voltages. For
Cff selection use Table 1. The compensation capacitor between
0.6 nF and 15 nF is wired in parallel with the output voltage setting
resistor R2, The capacitor type can be ceramic, plastic, etc..
6. Feedforward Capacitor (CFF)
In this example is recommended feedforward capacitor
1.5 nF.


Número de pieza similar - LM2594DADJR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594 TI1-LM2594 Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2594 UMW-LM2594 Datasheet
573Kb / 13P
   IC REG BUCK 12V 1.5A 8SOP
logo
Texas Instruments
LM2594HV TI1-LM2594HV Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
More results

Descripción similar - LM2594DADJR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
logo
Texas Instruments
LM5574-Q1 TI1-LM5574-Q1 Datasheet
1,018Kb / 33P
[Old version datasheet]   Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
STMicroelectronics
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
   2.5 A step-down switching regulator
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
   3 A step-down switching regulator
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
   3 A step-down switching regulator
L7980 STMICROELECTRONICS-L7980 Datasheet
1Mb / 44P
   2 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com