Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC80C31-40IH Datasheet(PDF) 7 Page - TEMIC Semiconductors

No. de pieza TSC80C31-40IH
Descripción Electrónicos  CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEMIC [TEMIC Semiconductors]
Página de inicio  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC80C31-40IH Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button TSC80C31-40IH Datasheet HTML 3Page - TEMIC Semiconductors TSC80C31-40IH Datasheet HTML 4Page - TEMIC Semiconductors TSC80C31-40IH Datasheet HTML 5Page - TEMIC Semiconductors TSC80C31-40IH Datasheet HTML 6Page - TEMIC Semiconductors TSC80C31-40IH Datasheet HTML 7Page - TEMIC Semiconductors TSC80C31-40IH Datasheet HTML 8Page - TEMIC Semiconductors TSC80C31-40IH Datasheet HTML 9Page - TEMIC Semiconductors TSC80C31-40IH Datasheet HTML 10Page - TEMIC Semiconductors TSC80C31-40IH Datasheet HTML 11Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TSC80C31/80C51
Rev. E (14 Jan.97)
7
MATRA MHS
When the port latch contains a 0, all pFETS in Figure 4.
are off while the nFET is turned on. When the port latch
makes a 0-to-1 transition, the nFET turns off. The strong
pFET, T1, turns on for two oscillator periods, pulling the
output high very rapidly. As the output line is drawn high,
pFET T3 turns on through the inverter to supply the IOH
source current. This inverter and T form a latch which
holds the 1 and is supported by T2.
When Port 2 is used as an address port, for access to
external program of data memory, any address bit that
contains a 1 will have his strong pullup turned on for the
entire duration of the external memory access.
When an I/O pin son Ports 1, 2, or 3 is used as an input,
the user should be aware that the external circuit must
sink current during the logical 1-to-0 transition. The
maximum sink current is specified as ITL under the D.C.
Specifications.
When
the
input
goes
below
approximately 2 V, T3 turns off to save ICC current. Note,
when returning to a logical 1, T2 is the only internal
pullup that is on. This will result in a slow rise time if the
user’s circuit does not force the input line high.
Oscillator Characteristics
XTAL1 and XTAL2 are the input and output respectively,
of an inverting amplifier which is configured for use as an
on-chip oscillator, as shown in Figure 5. Either a quartz
crystal or ceramic resonator may be used.
Figure 5. Crystal Oscillator.
To drive the device from an external clock source,
XTAL1 should be driven while XTAL2 is left
unconnected as shown in Figure 6. There are no
requirements on the duty cycle of the external clock
signal, since the input to the internal clocking circuitry is
through a divide-by-two flip-flop, but minimum and
maximum high and low times specified on the Data Sheet
must be observed.
Figure 6. External Drive Configuration.
TSC80C51 with Secret ROM
TEMIC offers TSC80C31/80C51 with the encrypted
secret ROM option to secure the ROM code contained in
the TSC80C31/80C51 microcontrollers.
The clear reading of the program contained in the ROM
is made impossible due to an encryption through several
random keys implemented during the manufacturing
process.
The keys used to do such encryption are selected
randomwise and are definitely different from one
microcontroller to another.
This encryption is activated during the following phases :
Everytime a byte is addressed during a verify of the
ROM content, a byte of the encryption array is
selected.
MOVC instructions executed from external program
memory are disabled when fetching code bytes from
internal memory.
EA is sampled and latched on reset, thus all state
modification are disabled.
For further information please refer to the application
note (ANM053) available upon request.


Número de pieza similar - TSC80C31-40IH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
   TSC 80251 Programmer?셲 Guide
TSC80251-SK TEMIC-TSC80251-SK Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251-SK TEMIC-TSC80251-SK Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
TSC80251A1-A16CBR TEMIC-TSC80251A1-A16CBR Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
More results

Descripción similar - TSC80C31-40IH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com