Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22924CYZPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22924CYZPR
Descripción Electrónicos  ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS22924CYZPR Datasheet(HTML) 5 Page - Texas Instruments

  TPS22924CYZPR Datasheet HTML 1Page - Texas Instruments TPS22924CYZPR Datasheet HTML 2Page - Texas Instruments TPS22924CYZPR Datasheet HTML 3Page - Texas Instruments TPS22924CYZPR Datasheet HTML 4Page - Texas Instruments TPS22924CYZPR Datasheet HTML 5Page - Texas Instruments TPS22924CYZPR Datasheet HTML 6Page - Texas Instruments TPS22924CYZPR Datasheet HTML 7Page - Texas Instruments TPS22924CYZPR Datasheet HTML 8Page - Texas Instruments TPS22924CYZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TPS22924C
www.ti.com
SLVSA52 – NOVEMBER 2009
ELECTRICAL CHARACTERISTICS
VIN = 0.75 V to 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN TYP(1)
MAX UNIT
VIN = 2.5 V to 3.6 V
60
160
IIN
Quiescent current
IOUT = 0, VIN = VON
VIN = 1.2 V to 2.5 V
Full
100
350
μA
VIN = 0.75 V to 1.25 V
40
100
OFF-state supply
IIN(OFF)
VON = GND, OUT = Open
Full
2
μA
current
25°C
5.7
13
VIN = 3.6 V
Full
17
25°C
5.8
13
VIN = 2.5 V
Full
17
25°C
5.9
14
VIN = 1.8 V
Full
18
rON
ON-state resistance
IOUT = -200 mA
m
25°C
6
15
VIN = 1.2 V
Full
21
25°C
7
16
VIN = 1.0 V
Full
21
25°C
8
19
VIN = 0.75 V
Full
28
Output pulldown
rPD
VIN = 3.3 V, VON = 0, IOUT = 3 mA
25°C
1250
1500
resistance(2)
ON-state input leakage
ION
VON = 0.9 V to 3.6 V or GND
Full
0.1
μA
current
(1)
Typical values are at VIN = 3.3 V and TA = 25°C.
(2)
See Output Pulldown in Application Information.
SWITCHING CHARACTERISTICS
VIN = 3.6 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Turn-ON time
RL = 10 Ω, CL = 0.1 μF
840
μs
tOFF
Turn-OFF time
RL = 10 Ω, CL = 0.1 μF
3
μs
tr
VOUT rise time
RL = 10 Ω, CL = 0.1 μF
800
μs
tf
VOUT fall time
RL = 10 Ω, CL = 0.1 μF
2.5
μs
SWITCHING CHARACTERISTICS
VIN = 0.9 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Turn-ON time
RL = 10 Ω, CL = 0.1 μF
865
μs
tOFF
Turn-OFF time
RL = 10 Ω, CL = 0.1 μF
20
μs
tr
VOUT rise time
RL = 10 Ω, CL = 0.1 μF
500
μs
tf
VOUT fall time
RL = 10 Ω, CL = 0.1 μF
5
μs
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS22924C


Número de pieza similar - TPS22924CYZPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22924CYZPR TI-TPS22924CYZPR Datasheet
1Mb / 19P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22924CYZPR TI1-TPS22924CYZPR Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22924CYZPR TI1-TPS22924CYZPR Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
2Mb / 28P
[Old version datasheet]   On-Resistance Load Switch
More results

Descripción similar - TPS22924CYZPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
logo
Texas Instruments
TPS22907 TI-TPS22907 Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com