Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA140B-3-HG-S9-PF Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

No. de pieza LA140B-3-HG-S9-PF
Descripción Electrónicos  LA140B-3-HG-S9-PF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LIGITEK [LIGITEK electronics co., ltd.]
Página de inicio  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA140B-3-HG-S9-PF Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

  LA140B-3-HG-S9-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA140B-3-HG-S9-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA140B-3-HG-S9-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA140B-3-HG-S9-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA140B-3-HG-S9-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA140B-3-HG-S9-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA140B-3-HG-S9-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
Solder Resistance
Test
Thermal Shock Test
1.Ta=85
2.RH=85%
3.t=240hrs
±2hrs
High Temperature
High Humidity Test
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
This test intended to see soldering well
performed or not.
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
The purpose of this test is the resistance
of the device under tropical for hours.
MIL-STD-202:103B
JIS C 7021: B-11
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
Test Condition
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
Low Temperature
Storage Test
High Temperature
Storage Test
Operating Life Test
Reliability Test:
Test Item
6/6
Page
This test is conducted for the purpose
of detemining the resistance of a part
in electrical and themal stressed.
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
The purpose of this is the resistance of
the device which is laid under condition
of high temperature for hours.
MIL-STD-883:1008
JIS C 7021: B-10
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
JIS C 7021: B-12
Description
Reference
Standard
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
140B-3/HG-S9-PF
PART NO. LA


Número de pieza similar - LA140B-3-HG-S9-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LIGITEK electronics co....
LA140B-3-HG-S3-PF LIGITEK-LA140B-3-HG-S3-PF Datasheet
135Kb / 7P
   LED ARRAY
More results

Descripción similar - LA140B-3-HG-S9-PF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Adels-Contact
368603 ADELS-368603 Datasheet
118Kb / 1P
   GST 860 HG/ 3
378603 ADELS-378603 Datasheet
118Kb / 1P
   GST 865 HG/ 3
377603 ADELS-377603 Datasheet
117Kb / 1P
   GST 864 HG/ 3
366603 ADELS-366603 Datasheet
116Kb / 1P
   GST 760 HG/ 3
logo
Knowles Electronics
2403-260-00177 KNOWLES-2403-260-00177 Datasheet
957Kb / 21P
   SPEAKER-916-3-S9-WILDCAT-O-950
2403-260-00165 KNOWLES-2403-260-00165 Datasheet
679Kb / 21P
   SPEAKER-916-3-S9-WILDCAT-O-950
logo
Ralston Instruments.
DV0V-30HG-D RALSTON-DV0V-30HG-D Datasheet
331Kb / 1P
   DV0V (Hg / 650 mm Hg Vac) pump
logo
Epson Company
HG-2150CA EPSON-HG-2150CA Datasheet
147Kb / 6P
   HG-2150CA
logo
Adels-Contact
378604 ADELS-378604 Datasheet
119Kb / 1P
   GST 865 HG/ 4
378609 ADELS-378609 Datasheet
109Kb / 1P
   GST 865 HG/ 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com