Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD035OX4 Datasheet(PDF) 6 Page - AZ Displays

No. de pieza PD035OX4
Descripción Electrónicos  TECHNICAL SPECIFICATION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AZDISPLAYS [AZ Displays]
Página de inicio  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035OX4 Datasheet(HTML) 6 Page - AZ Displays

Back Button PD035OX4 Datasheet HTML 2Page - AZ Displays PD035OX4 Datasheet HTML 3Page - AZ Displays PD035OX4 Datasheet HTML 4Page - AZ Displays PD035OX4 Datasheet HTML 5Page - AZ Displays PD035OX4 Datasheet HTML 6Page - AZ Displays PD035OX4 Datasheet HTML 7Page - AZ Displays PD035OX4 Datasheet HTML 8Page - AZ Displays PD035OX4 Datasheet HTML 9Page - AZ Displays PD035OX4 Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
PD035OX4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:6
CN2
FPC Down Connect , 30Pins , Pitch : 0.5 mm
Pin No
Symbol
I/O
Description
Remark
1
VLED
I
Power supply for LED
Note 5-9
2
GLED1
I
Ground for LED
3
GLED2
I
Ground for LED
4
NC
-
NC
5
VGH
I
Positive power for gate driver
Note 5-10
6
VDD1
I
Power supply for gate logic circuit
Note 5-11
7
VSS1
I
Ground for gate driver
8
VEE
I
Negative power for gate driver
Note 5-12
9
VDD1
I
Power supply for gate logic circuit
Note 5-11
10
GND
I
Digital ground for source driver IC
11
RESETB
I
Hardware global reset, (low active)
12
VSET
I
Externally/Internally gamma voltage setup
13
U/D
I
Up/Down control for gate driver
14
L/R
I
Left/Right control for source driver
Note 5-13
15
IF2
I
16
IF1
I
Select the input data format
(Serial RGB, Parallel RGB, CCIR601/656)
Note 5-14
17
SPENA
I
Serial port data enable signal (normally pull high)
`18
SPCK
I
Serial port clock. (Normally pull high)
19
SPDA
I/O
Serial port data input/output
20
POL
O
Polarity select for the line inversion control signal Note 5-15
21
D27(B7)
I
Blue Data(MSB)
22
D26(B6)
I
Blue Data
23
D25(B5)
I
Blue Data
24
D24(B4)
I
Blue Data
25
D23(B3)
I
Blue Data
26
D22(B2)
I
Blue Data
27
D21(B1)
I
Blue Data
28
D20(B0)
I
Blue Data(LSB)
Note 5-1
29
D17(G7)
I
Green Data(MSB)
30
D16(G6)
I
Green Data
P-511-295(V:2)


Número de pieza similar - PD035OX4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
608Kb / 33P
   This technical specification applies to 3.5inch color TFT-LCD panel PD035OX1.
PD035OX1 AZDISPLAYS-PD035OX1 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
More results

Descripción similar - PD035OX4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AZ Displays
PD035OX1 AZDISPLAYS-PD035OX1_08 Datasheet
821Kb / 31P
   TECHNICAL SPECIFICATION
PD050QT2 AZDISPLAYS-PD050QT2 Datasheet
438Kb / 19P
   TECHNICAL SPECIFICATION
PD050VL1 AZDISPLAYS-PD050VL1 Datasheet
872Kb / 21P
   TECHNICAL SPECIFICATION
PM070WL3 AZDISPLAYS-PM070WL3 Datasheet
638Kb / 23P
   TECHNICAL SPECIFICATION
PD024OX8 AZDISPLAYS-PD024OX8 Datasheet
2Mb / 39P
   TECHNICAL SPECIFICATION
PD040QT2 AZDISPLAYS-PD040QT2 Datasheet
526Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD080SL1 AZDISPLAYS-PD080SL1 Datasheet
1Mb / 26P
   TECHNICAL SPECIFICATION
PD057VT2 AZDISPLAYS-PD057VT2 Datasheet
485Kb / 19P
   TECHNICAL SPECIFICATION
PM070WT1 AZDISPLAYS-PM070WT1 Datasheet
502Kb / 23P
   TECHNICAL SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com